Electronic Components Datasheet Search
  English  ▼

X  

PI3039 Datasheet(PDF) 9 Page - AMI SEMICONDUCTOR

Part # PI3039
Description  600DPI CIS Image Sensor Chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3039 Datasheet(HTML) 9 Page - AMI SEMICONDUCTOR

Back Button PI3039 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 9Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 10Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
it opens just prior to the next following pixel readout. This reset is active during CP’s high
state. The disadvantage of this circuit is that it has negative going output and will have pulse
shape of the current impulse that decays over a long period. Hence, it may not be desirable
at low clock sample frequencies.
To get around this decaying type of sampling pixels, this second circuit may be more
desirable. See Figure 4B, Voltage Buffer Amplifier. This method uses the video line as
storage medium. It uses a buffer amplifier and buffers the video line with its high input
impedance. Hence, the video line effectively approaches the condition of an open circuit and
becomes a capacitance that is proportional to video line length and geometry. When the
photo site produces the signal current, it charges the video line capacitance and converts the
output into a voltage signal. The switch, SW, is a video line reset switch. It resets the video
line and the photo-site presently under interrogation, just prior to the next following pixel
readout. This reset is active during CP’s high state.
Figure 4B, Voltage Buffer Amplifier, shows the buffer amplifier configuration. The general
video wave shape and timing characteristics of this circuit are discussed under section entitled
Switching Characteristics @ 25
o C. Figure 3B, Supplement Timing Diagram, shows the
general signal wave shape and its timing relationship to the clock. Its accompanying Table 6B,
Supplement Timing Symbol's Definition, defines the symbols used in the Figure 3B. This
circuit is generally employed in CIS applications where the clock speeds are under 5.0MHz.
Figure 4B. Voltage Buffer Amplifier
This video line charging implementation is extensively used because its simplicity and low
cost. However, speed is limited because of the video line capacitance. For any given video
line capacitance, the rate of signal charge remains the same, hence, the charging slope. As
the sampling frequency is increased, the pixel’s signal window decreases, reducing the
amplitude and at very high frequency the video sample become triangular in shape. This
effect is especially prevalent when longer line arrays are implemented. However, the CIS
modules are cascaded structure of N Image sensors in series to form various lengths of line
arrays. It is easy to see that as N increases the length of the video line on the PCB increases,
thus, increasing the video line capacitance and making it difficult to extract the signal,
especially, at high speeds.
IOUT
PAGE 9 OF 10, PI3039, 12/2/02
Video
Output
SW
RIN
RFB
OP-AMP
From all
sensor video



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com