Electronic Components Datasheet Search
  English  ▼

X  

PI3041A Datasheet(PDF) 6 Page - AMI SEMICONDUCTOR

Part # PI3041A
Description  Contact Image Sensor 300DPI CIS Sensor Chip
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3041A Datasheet(HTML) 6 Page - AMI SEMICONDUCTOR

Back Button PI3041A Datasheet HTML 2Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 3Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 4Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 5Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 6Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 7Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 8Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 9Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 10Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Preliminary PI3041A datasheet
Figure 5. Video Output Test and Application Circuit
Since switching energies are high frequencies components, they tend to integrate to a 0 value and the
remainder adds a constant value to offset the dark level. After the pixel is integrated, the CAP is reset
to zero volts by activating the shunt switch, SW, that connects the video line to ground prior to
accessing the following pixel element. As it is seen, depicting a typical pixel voltage waveform, in
Figure 6, Single Pixel Output Voltage, the shunt time is controlled with CP. Simultaneous to SW
activation, the pixel element storage is, also, reset to the dark reference level, hence initializing the
pixel for its integration process cycle. The signal pixels Vp(n) is referenced to its Dark Level as it is
seen in Figure 6.
Figure 6. Single Pixel Video Output
Two Test Setups For Specifications And Performance
First Setup: The standard specifications are the image sensor tests that are performed on the wafer
probe machine where each device on the wafer is tested in production. However, the data in these
measurements are measured with a clock frequency at a fixed 500 KHz. Since the pixel rate is equal
to the clock rate, the pixel rate is also at 500KHz. The specification under the section Electro-Optical
Characteristics (25
o C) is the wafer probe specifications, Table 2.
Page 6 of 18 Date: 09/23/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com