Electronic Components Datasheet Search
  English  ▼

X  

PI3041A Datasheet(PDF) 12 Page - AMI SEMICONDUCTOR

Part # PI3041A
Description  Contact Image Sensor 300DPI CIS Sensor Chip
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3041A Datasheet(HTML) 12 Page - AMI SEMICONDUCTOR

Back Button PI3041A Datasheet HTML 8Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 9Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 10Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 11Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 12Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 13Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 14Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 15Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 16Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Preliminary PI3041A datasheet
RED 660 LED Bar, A6 PCB In A6 Module Housing, At 5.0 MHz CLOCK
Parameters
Symbols
Typical
Units
Remarks
Line scanning rate
Tint
(1)
251
µs/line
13 dies in the scan. see
note 1. (Bottom of Table 6)
Clock frequency
Fclk
(2)
5
MHz
Output voltage
Vpavg
(3)
0.5
V
Amplifier Gain = 1.0, see
note 3
Output voltage non-uniformity
Up
(4)
± 20
%
LED bar non-uniformity,
see note 4.
Dark output voltage
Vd
(5)
<190
mV
Dark output non-uniformity
Ud
(6)
<80
mV
Adjacent Pixel non-uniformity
Upadj
(7)
<20
%
LED Bar Input Voltage
VLED
(8)
5.0
V
LED Power Varies greatly.
See note 8.
LED Bar Input Current
ILED
(8)
90
mA
LED Power Varies greatly.
See note 8.
Table 4. Electro-Optical Characteristic At High Frequency
Y-G LED Bar, A6 PCB In A6 Module Housing, At 2.0 MHz CLOCK
Parameters
Symbols
Typical
Units
Remarks
Line scanning rate
Tint
(1)
627
µs/line
13 dies in the scan. see
note 1. (Bottom of Table 6)
Clock frequency
Fclk
(2)
2
MHz
Output voltage
Vpavg
(3)
0.150
V
Amplifier Gain = 1.0, see
note 3
Output voltage non-uniformity
Up
(4)
± 20
%
LED bar non-uniformity,
see note 4.
Dark output voltage
Vd
(5)
<30
mV
Dark output non-uniformity
Ud
(6)
<15
mV
Adjacent Pixel non-uniformity
Upadj
(7)
<20
%
LED Bar Input Voltage
VLED
(8)
5.0
V
LED Power Varies greatly.
See note 8.
LED Bar Input Current
ILED
(8)
380
mA
LED Power Varies greatly.
See note 8.
Table 5. Electro-Optical Characteristic At High Frequency
Y-G LED Bar, A6 PCB In A6 Module Housing, At 5.0 MHz CLOCK
Parameters
Symbols
Typical
Units
Remarks
Line scanning rate
Tint
(1)
251
µs/line
13 dies in the scan. see
note 1. (Bottom of Table 6)
Clock frequency
Fclk
(2)
5
MHz
Output voltage
Vpavg
(3)
0.080
V
Amplifier Gain = 1.0, see
note 3
Page 12 of 18 Date: 09/23/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com