Electronic Components Datasheet Search
  English  ▼

X  

PI3041A Datasheet(PDF) 7 Page - AMI SEMICONDUCTOR

Part # PI3041A
Description  Contact Image Sensor 300DPI CIS Sensor Chip
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3041A Datasheet(HTML) 7 Page - AMI SEMICONDUCTOR

Back Button PI3041A Datasheet HTML 3Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 4Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 5Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 6Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 7Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 8Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 9Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 10Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 11Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Preliminary PI3041A datasheet
Second Setup: The CIS modules made with these devices operate in excess of 5.0 MHz.
Accordingly the wafer probe specifications are supplemented with high frequency clocking
performance using an A6 length module’s PCB board.
Electro-Optical Characteristics (25
o C)
The electro-optical characteristics of PI3041A imaging sensor chip are listed in Table 2. This is the
wafer probe specification used to tests the each die at 25
o C.
Parameters
Symbols
Typical
Units
Notes
Number of Photo-elements
128
elements
Pixel-to-pixel spacing
~83.3
µm
Line scanning rate
Tint
(1)
128/Fclk
µs/line
Clock frequency
Fclk
(2)
500
KHz
See note 2 for higher clock
speed. (maximum 5 MHz)
Output voltage
Vpavg
(3)
1.85 ± 0.35
V
Output voltage non-uniformity
Up
(4)
± 7.5
%
Dark output voltage
Vd
(5)
<100
mV
Dark output non-uniformity
Ud
(6)
<100
mV
Adjacent Pixel non-uniformity
Upadj
(7)
<6.5
%
Chip-to-chip non-uniformity
Ucc
(8)
± 5
%
Table 2. Electro-Optical Characteristic
Notes: (1)
Tint stands for the line scanning rate or the integration time. It is determined by
the time interval between two start pulses, where the start pulses start the line-
scan process, as soon as, CP, module clock, acquires it and shifts it into the
internal shift register. The minimum integration time in one line scan of the
sensor is number of pixel sites divided by its clock frequency. In a CIS module it
is the number of sensors times the number of pixel in the sensor, all over the
clock frequency. Tint in the wafer probe is set with the calibration procedure use
to set the amplitude of Vpavg, see note (3).
(2)
Fclk is the device’s clock, CP, frequency and it is, also, equal to the pixel rate. In
the wafer test Fclk is set to 500 KHz. However, PIC (recently acquired by AMIS)
has been successfully mass-producing high frequency CIS modules, using only
the wafer test to qualify them. Hence, the devices are constantly tested for their
standard high-speed performance with each A6 modules in production. These
module production tests as proven that the low speed wafer probe tests are
sufficient to produce reliable image devices.
(3)
Vpavg =
∑Vp(n)/Npixels (average level in one line scan).
Where Vp(n) is the amplitude of n
th pixel in the sensor chip and
Npixels is the total number of pixels in sensor chip. Vpavg is converted from
impulse current video pixel into a voltage output. See Figure 4, Video Pixel
Output in section Output Circuit Of The Image Sensor and Figure 5, Video
Output Test and Application Circuit in section Signal Conversion Circuit on page
6 and 7. There Is a calibration procedure to calibrate Vpavg using Tint as
variable to control the exposure. Hence, Vpavg is calibrated for each image
Page 7 of 18 Date: 09/23/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com