Electronic Components Datasheet Search
  English  ▼

X  

PI3041A Datasheet(PDF) 14 Page - AMI SEMICONDUCTOR

Part # PI3041A
Description  Contact Image Sensor 300DPI CIS Sensor Chip
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3041A Datasheet(HTML) 14 Page - AMI SEMICONDUCTOR

Back Button PI3041A Datasheet HTML 10Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 11Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 12Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 13Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 14Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 15Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 16Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 17Page - AMI SEMICONDUCTOR PI3041A Datasheet HTML 18Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Preliminary PI3041A datasheet
Sensor’s Operational Specifications
Absolute Maximum Ratings:
Parameters
Symbol
Maximum Rating
Units
Power Supply Voltage
VDD
10
Volts
Power Supply Current
IDD
<2.0
ma
Input clock pulse (high level)
Vih
Vdd + 0.5
Volts
Input clock pulse (low level)
Vil
-0.25
Volts
Operating Temperature
Top
0 to 50
oC
Operating Humidity
Hop
10 to 85
RH %
Storage Temperature
Tstg
-25 to 75
oC
Storage Humidity
Hstg
10 to 90
RH %
Table 7. Absolute Maximum Ratings
Recommended Operating Conditions at Room Temperature
Parameters
Symbol
Min.
Typical
Max.
Units
Power Supply
VDD
4.5
5.0
5.5
Volts
Input clock pulses high level
Vih
(1)
3.0
5.0
VDD
Volts
Input clock pulse low level
Vil
(1)
0
0
0.8
Volts
Operating high level exposed output
IOUT
(2)
See note.
Clock Frequency
Fclk
(3)
0.1
2.0
5.0
MHz
Clock pulse duty cycle
Duty
(4)
25
%
Clock pulse high durations
tw
0.125
µsec
Integration time
Tint
0.864
10
ms
Operating Temperature
Top
25
50
oC
Table 8. Recommended Operating Condition At Room Temperature
Note
(1)
Applies to both CP and SP.
(2)
The output is a current that is proportional to the charges, which are
integrated on the phototransistor’s base via photon-to-electron conversion.
For its conversion to voltage pixels see Figure 4, Video Pixel Output Structure
in section Output Circuit Of The Image Sensor.
(3)
Although the clock frequency, Fclk, will operate the device at less than
100KHz, it is recommended that the device be operated above 500KHz to
avoid complication of leakage current build-up. In applications using long CIS
module length, such as an array of image sensor > 27, increases the readout
time, i.e., increases Tint, hence, leakage current build-up occurs.
(4)
The clock duty cycle typically is normally set to 25 %. However, it can operate
with duty cycle as large as 50 %, which will allow more reset time at the
expense of video pixel readout time. At clock frequencies approaching 5.0
MHz it is recommended to use 50% duty cycle to allow more time for the
signal pixel to integrate and settle.
Page 14 of 18 Date: 09/23/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com