Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC6906
Description  TimerBlox: Resettable, Low Frequency Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 3Page - Analog Devices LTC6906 Datasheet HTML 4Page - Analog Devices LTC6906 Datasheet HTML 5Page - Analog Devices LTC6906 Datasheet HTML 6Page - Analog Devices LTC6906 Datasheet HTML 7Page - Analog Devices LTC6906 Datasheet HTML 8Page - Analog Devices LTC6906 Datasheet HTML 9Page - Analog Devices LTC6906 Datasheet HTML 10Page - Analog Devices LTC6906 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC6991
7
Rev. D
For more information www.analog.com
Output Resistance
vs Supply Current
Typical Start-Up with POL = 1
TYPICAL PERFORMANCE CHARACTERISTICS
V+ = 3.3V, RSET = 200k, TA = 25°C unless otherwise noted.
SUPPLY VOLTAGE (V)
6991 G22
50
25
20
35
45
5
10
15
30
40
0
2
4
3
5
6
OUTPUT SOURCING CURRENT
OUTPUT SINKING CURRENT
V+
1V/DIV
OUT
1V/DIV
250µs/DIV
V+ = 2.5V
DIVCODE = 15
RSET = 50k
6991 G19
500µs
1µs (tMASTER) WIDE
INITIAL PULSE
PIN FUNCTIONS (DCB/S6)
V+ (Pin 1/Pin 5): Supply Voltage (2.25V to 5.5V). This
supply should be kept free from noise and ripple. It should
be bypassed directly to the GND pin with a 0.1µF capacitor.
DIV (Pin 2/Pin 4): Programmable Divider and Polarity
Input. A V+ referenced A/D converter monitors the DIV
pin voltage (VDIV) to determine a 4-bit result (DIVCODE).
VDIV may be generated by a resistor divider between V+
and GND. Use 1% resistors to ensure an accurate result.
The DIV pin and resistors should be shielded from the
OUT pin or any other traces that have fast edges. Limit
the capacitance on the DIV pin to less than 100pF so that
VDIV settles quickly. The MSB of DIVCODE (POL) deter-
mines the polarity of the RST and OUT pins. If POL = 0,
RST is active-high, and forces OUT low. If POL = 1, RST
is active-low and forces OUT high.
SET (Pin 3/Pin 3): Frequency-Setting Input. The voltage
on the SET pin (VSET) is regulated to 1V above GND. The
amount of current sourced from the SET pin (ISET) pro-
grams the master oscillator frequency. The ISET current
range is 1.25µA to 20µA. The output oscillation will stop
if ISET drops below approximately 500nA. A resistor con-
nected between SET and GND is the most accurate way to
set the frequency. For best performance, use a precision
metal or thin film resistor of 0.5% or better tolerance
and 50ppm/°C or better temperature coefficient. For lower
accuracy applications an inexpensive 1% thick film resis-
tor may be used.
Limit the capacitance on the SET pin to less than 10pF
to minimize jitter and ensure stability. Capacitance less
than 100pF maintains the stability of the feedback circuit
regulating the VSET voltage.
6991 PF
LTC6991
RST
GND
SET
OUT
V+
DIV
C1
0.1µF
RSET
R2
R1
V+
V+
RST (Pin 4/Pin 1): Output Reset. The behavior of the RST
pin is dependent on the polarity bit (POL). The POL bit is
configured via the DIVCODE setting. When POL = 0, set-
ting RST high forces OUT low and setting RST low allows
the output to oscillate. When POL = 1, RST is active low.
In that case, setting RST low forces OUT high and setting
RST high allows the output to oscillate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com