Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC6906
Description  TimerBlox: Resettable, Low Frequency Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 11Page - Analog Devices LTC6906 Datasheet HTML 12Page - Analog Devices LTC6906 Datasheet HTML 13Page - Analog Devices LTC6906 Datasheet HTML 14Page - Analog Devices LTC6906 Datasheet HTML 15Page - Analog Devices LTC6906 Datasheet HTML 16Page - Analog Devices LTC6906 Datasheet HTML 17Page - Analog Devices LTC6906 Datasheet HTML 18Page - Analog Devices LTC6906 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC6991
15
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
LTC6991 as “Wake-Up Timer”
The output latch reset function provided by the RST pin
allows the LTC6991 to enable a larger system at regular
intervals. The on-time can be controlled by the system.
This allows the system to shut itself down immediately
after performing its tasks, reducing power consumption.
Figure 12 shows an example using “black boxes” for a
switching regulator and the system being duty-cycled.
In some cases, an RC filter may be necessary at the RST
LTC6991
THE SYSTEM CAN EXTEND tON AS LONG AS NEEDED (UP TO 50% OF tOUT)
V+
DIV
SET
OUT
GND
RST
RFILT
100k
RSET
665k
R2
681k
tON
tON
tON
6991 F12
R1
1M
RSUPPLY
4.99k
1N4733A
5.1V
3V TO 20V
CFILT
0.1µF
0.1µF
tOUT
3570 SECONDS
SWITCHING
REGULATOR
VIN
VOUT
VREG
VREG
DONE/RST
LTC6991 OUT
SHDN
SYSTEM
V+
DONE
tOUT
tOUT
tOUT
Figure 12. Powering Up a System Once an Hour
input to filter start-up glitches from the system as it is
powered on.
If the LTC6991 is enabling a switching regulator that can
operate on supplies greater than 5.5V, it will be neces-
sary to limit the supply voltage provided to the LTC6991.
If the LTC6991 output is not heavily loaded, and if a large
RSET resistor is used, the supply current will not be much
larger than 100µA, so a simple regulator circuit can be
constructed using a Zener diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com