Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 19 Page - Analog Devices

Part # LTC6906
Description  TimerBlox: Resettable, Low Frequency Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 15Page - Analog Devices LTC6906 Datasheet HTML 16Page - Analog Devices LTC6906 Datasheet HTML 17Page - Analog Devices LTC6906 Datasheet HTML 18Page - Analog Devices LTC6906 Datasheet HTML 19Page - Analog Devices LTC6906 Datasheet HTML 20Page - Analog Devices LTC6906 Datasheet HTML 21Page - Analog Devices LTC6906 Datasheet HTML 22Page - Analog Devices LTC6906 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC6991
19
Rev. D
For more information www.analog.com
TYPICAL APPLICATIONS
5 Second On/Off Timed Relay Driver
R1
1M
R4
15k
RUN
RESET
D1
1N4148
12V
NO
COTO 1022 RELAY
9001-12-01
L
C2
0.1µF
0.1µF
Q1
2N2219A
R2
392k
6991 TA02
R3
118k
5V
RELAY ENABLE
C
1
LTC6991
RST
GND
SET
OUT
V+
DIV
1.5ms Radio Control Servo Reference Pulse Generator
RESET = OPEN
RUN = GND
20ms
FRAME RATE
GENERATOR
1.5ms
REFERENCE
PULSE
5V
20ms PERIOD
5V
R4
976k
R7
10k
C1
0.01µF
R5
102k
R6
121k
1.5ms PULSE
6991 TA03
LTC6991
RST
GND
SET
OUT
V+
DIV
5V
R1
1M
C2
0.1µF
R2
280k
R3
146k
LTC6993-1
TRIG
GND
SET
OUT
V+
DIV
Cycling (10 Seconds On/Off) Symmetrical Power Supplies
R8
1M
R2
1k
R11
5k
R3
50k
R6
20k
–15VIN
–15VOUT
C1
0.1µF
R9
392k
R1
100k
M4
Si4435DY
M3
Si9410
M1
Si9410
15VIN
15VOUT
M2
Si4435DY
F6991 TA04
R10
237k
5V
LTC6991
RST
GND
SET
OUT
V+
DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com