Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC6906
Description  TimerBlox: Resettable, Low Frequency Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 5Page - Analog Devices LTC6906 Datasheet HTML 6Page - Analog Devices LTC6906 Datasheet HTML 7Page - Analog Devices LTC6906 Datasheet HTML 8Page - Analog Devices LTC6906 Datasheet HTML 9Page - Analog Devices LTC6906 Datasheet HTML 10Page - Analog Devices LTC6906 Datasheet HTML 11Page - Analog Devices LTC6906 Datasheet HTML 12Page - Analog Devices LTC6906 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC6991
9
Rev. D
For more information www.analog.com
OPERATION
The LTC6991 is built around a master oscillator with a
1MHz maximum frequency. The oscillator is controlled
by the SET pin current (ISET) and voltage (VSET), with a
1MHz • 50k conversion factor that is accurate to ±0.8%
under typical conditions.
fMASTER =
1
tMASTER
= 1MHz • 50kΩ •
ISET
VSET
A feedback loop maintains VSET at 1V ±30mV, leaving ISET
as the primary means of controlling the output frequency.
The simplest way to generate ISET is to connect a resistor
(RSET) between SET and GND, such that ISET = VSET/RSET.
The master oscillator equation reduces to:
fMASTER =
1
tMASTER
=
1MHz • 50kΩ
RSET
From this equation, it is clear that VSET drift will not affect
the output frequency when using a single program resis-
tor (RSET). Error sources are limited to RSET tolerance and
the inherent frequency accuracy ∆fOUT of the LTC6991.
RSET may range from 50k to 800k (equivalent to ISET
between 1.25µA and 20µA).
Before reaching the OUT pin, the oscillator frequency
passes through a fixed ÷1024 divider. The LTC6991
also includes a programmable frequency divider which
can further divide the frequency by 1, 8, 64, 512, 4096,
215, 218 or 221. The divider ratio NDIV is set by a resistor
divider attached to the DIV pin.
fOUT =
1MHz • 50kΩ
1024 • NDIV
•
ISET
VSET
, or
tOUT =
1
fOUT
=
NDIV
50kΩ
•
VSET
ISET
• 1.024ms
with RSET in place of VSET/ISET the equation reduces to:
tOUT =
NDIV • RSET
50kΩ
• 1.024ms
DIVCODE
The DIV pin connects to an internal, V+ referenced 4-bit
A/D converter that determines the DIVCODE value.
DIVCODE programs two settings on the LTC6991:
1. DIVCODE determines the output frequency divider set-
ting, NDIV.
2. DIVCODE determines the polarity of the RST and OUT
pins, via the POL bit.
VDIV may be generated by a resistor divider between V+
and GND as shown in Figure 1.
Figure 1. Simple Technique for Setting DIVCODE
6991 F01
LTC6991
V+
DIV
GND
R1
R2
2.25V TO 5.5V
Table 1 offers recommended 1% resistor values that accu-
rately produce the correct voltage division as well as the
corresponding NDIV and POL values for the recommended
resistor pairs. Other values may be used as long as:
1. The VDIV/V+ ratio is accurate to ±1.5% (including resis-
tor tolerances and temperature effects)
2. The driving impedance (R1||R2) does not exceed
500kΩ.
If the voltage is generated by other means (i.e., the output
of a DAC) it must track the V+ supply voltage. The last
column in Table 1 shows the ideal ratio of VDIV to the
supply voltage, which can also be calculated as:
VDIV
V+
=
DIVCODE + 0.5
16
± 1.5%
For example, if the supply is 3.3V and the desired DIVCODE
is 4, VDIV = 0.281 • 3.3V = 928mV ± 50mV.
Figure 2 illustrates the information in Table 1, showing
that NDIV is symmetric around the DIVCODE midpoint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com