Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC6906
Description  TimerBlox: Resettable, Low Frequency Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 8Page - Analog Devices LTC6906 Datasheet HTML 9Page - Analog Devices LTC6906 Datasheet HTML 10Page - Analog Devices LTC6906 Datasheet HTML 11Page - Analog Devices LTC6906 Datasheet HTML 12Page - Analog Devices LTC6906 Datasheet HTML 13Page - Analog Devices LTC6906 Datasheet HTML 14Page - Analog Devices LTC6906 Datasheet HTML 15Page - Analog Devices LTC6906 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC6991
12
Rev. D
For more information www.analog.com
Changing DIVCODE After Start-Up
Following start-up, the A/D converter will continue moni-
toring VDIV for changes. The LTC6991 will respond to
DIVCODE changes in less than one cycle.
tDIVCODE < 500 • tMASTER < tOUT
The output may have an inaccurate pulse width during the
frequency transition. But the transition will be glitch-free
and no high or low pulse can be shorter than the mas-
ter clock period. A digital filter is used to guarantee the
DIVCODE has settled to a new value before making
changes to the output.
Start-Up Time
When power is first applied, the power-on reset (POR)
circuit will initiate the start-up time, tSTART. The OUT pin
is held low during this time. The typical value for tSTART
ranges from 0.5ms to 8ms depending on the master oscil-
lator frequency (independent of NDIV):
tSTART(TYP) = 500 • tMASTER
During start-up, the DIV pin A/D converter must deter-
mine the correct DIVCODE before the output is enabled.
The start-up time may increase if the supply or DIV pin
voltages are not stable. For this reason, it is recommended
to minimize the capacitance on the DIV pin so it will prop-
erly track V+. Less than 100pF will not affect performance.
Start-Up Behavior
When first powered up, the output is held low. If the polar-
ity is set for non-inversion (POL = 0) and the output is
enabled (RST = 0) at the end of the start-up time, OUT will
begin oscillating. If the output is being reset (RST = 1) at
the end of the start-up time, the first pulse will be skipped.
Subsequent pulses will also be skipped until RST = 0.
In inverted operation (POL = 1), the start-up sequence is
similar. However, the LTC6991 does not know the correct
DIVCODE setting when first powered up, so the output
defaults low. At the end of tSTART, the value of DIVCODE
is recognized and OUT goes high (inactive) because
POL = 1. If RST = 1 (inactive) then OUT will quickly fall
after a single tMASTER cycle. If RST = 0 at the end of the
start-up time, the output is held in reset and remains high.
Figure 7 to Figure 10 detail the four possible start-up
sequences.
DIV
200mV/DIV
OUT
1V/DIV
10ms/DIV
6991 F05
V+ = 3.3V
RSET = 200k
V+
1V/DIV
OUT
1V/DIV
250µs/DIV
6991 F06
V+ = 2.5V
DIVCODE = 0
RSET = 50k
500µs
Figure 5. DIVCODE Change from 1 to 0
Figure 6. Typical Start-Up
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com