Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC6906
Description  TimerBlox: Resettable, Low Frequency Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 13Page - Analog Devices LTC6906 Datasheet HTML 14Page - Analog Devices LTC6906 Datasheet HTML 15Page - Analog Devices LTC6906 Datasheet HTML 16Page - Analog Devices LTC6906 Datasheet HTML 17Page - Analog Devices LTC6906 Datasheet HTML 18Page - Analog Devices LTC6906 Datasheet HTML 19Page - Analog Devices LTC6906 Datasheet HTML 20Page - Analog Devices LTC6906 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTC6991
17
Rev. D
For more information www.analog.com
Digital Frequency Control
The control voltage can be generated by a DAC (digital-
to-analog converter), resulting in a digitally-controlled
frequency. Many DACs allow for the use of an external
reference. If such a DAC is used to provide the VCTRL
voltage, the VSET dependency can be eliminated by buffer-
ing VSET and using it as the DAC’s reference voltage, as
shown in Figure 15. The DAC’s output voltage now tracks
any VSET variation and eliminates it as an error source.
The SET pin cannot be tied directly to the reference input
of the DAC because the current drawn by the DAC’s REF
input would affect the frequency.
ISET Extremes (Master Oscillator Frequency Extremes)
When operating with ISET outside of the recommended
1.25µA to 20µA range, the master oscillator operates
outside of the 62.5kHz to 1MHz range in which it is most
accurate.
The oscillator can still function with reduced accuracy
for ISET < 1.25µA. At approximately 500nA, the oscillator
output will be frozen in its current state. The output could
halt in a high or low state. This avoids introducing short
pulses when frequency modulating a very low frequency
output.
APPLICATIONS INFORMATION
–
+
6991 F15
LTC6991
RST
GND
SET
OUT
V+
DIV
C1
0.1µF
R1
R2
RSET
V+
RVCO
V+
0.1µF
1/2
LTC6078
LTC1659
V+
VCC
REF
GND
VOUT
µP
DIN
CLK
CS/LD
1MHz • 50k
1024 • NDIV • RVCO
fOUT =
DIN = 0 TO 4095
• 1 +
–
RVCO
RSET
DIN
4096
(
)
0.1µF
Figure 15. Digitally-Controlled Oscillator
At the other extreme, it is not recommended to operate
the master oscillator beyond 2MHz because the accuracy
of the DIV pin ADC will suffer.
Frequency Modulation and Settling Time
The LTC6991 will respond to changes in ISET up to a –3dB
bandwidth of 0.4 • fOUT.
Following a 2× or 0.5× step change in ISET, the output
frequency takes less than one cycle to settle to within 1%
of the final value.
Power Supply Current
The power supply current varies with frequency, supply
voltage and output loading. It can be estimated under
any condition using the following equation. This equation
ignores CLOAD (valid for CLOAD < 1nF) and assumes the
output has 50% duty cycle.
IS(TYP) ≈ V+ • fMASTER • 7.8pF +
V+
420kΩ
+
V+
2 • RLOAD
+ 1.8 • ISET + 50µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com