Electronic Components Datasheet Search
  English  ▼

X  

EPR-21 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # EPR-21
Description  Engineering Prototype Report (EP-21) - 30 W DC-DC Converter with DPA424
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-21 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  EPR-21 Datasheet HTML 1Page - Power Integrations, Inc. EPR-21 Datasheet HTML 2Page - Power Integrations, Inc. EPR-21 Datasheet HTML 3Page - Power Integrations, Inc. EPR-21 Datasheet HTML 4Page - Power Integrations, Inc. EPR-21 Datasheet HTML 5Page - Power Integrations, Inc. EPR-21 Datasheet HTML 6Page - Power Integrations, Inc. EPR-21 Datasheet HTML 7Page - Power Integrations, Inc. EPR-21 Datasheet HTML 8Page - Power Integrations, Inc. EPR-21 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
19-Nov-02
EPR-21 – 5 V, 30 W DC-DC Converter
1 Introduction
This document is an engineering report describing a 5 V, 30 W DC-DC converter utilizing
the DPA424R.
This document contains the power supply specification, schematic, bill of materials,
transformer documentation, printed circuit layout, and performance data.
Figure 1
− EP-21 Populated Circuit Board (57.5 mm L x 43.6 mm W x 10.7 mm H).
Page 3 of 32
Power Integrations, Inc.
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com