Electronic Components Datasheet Search
  English  ▼

X  

EPR-21 Datasheet(PDF) 14 Page - Power Integrations, Inc.

Part # EPR-21
Description  Engineering Prototype Report (EP-21) - 30 W DC-DC Converter with DPA424
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-21 Datasheet(HTML) 14 Page - Power Integrations, Inc.

Back Button EPR-21 Datasheet HTML 10Page - Power Integrations, Inc. EPR-21 Datasheet HTML 11Page - Power Integrations, Inc. EPR-21 Datasheet HTML 12Page - Power Integrations, Inc. EPR-21 Datasheet HTML 13Page - Power Integrations, Inc. EPR-21 Datasheet HTML 14Page - Power Integrations, Inc. EPR-21 Datasheet HTML 15Page - Power Integrations, Inc. EPR-21 Datasheet HTML 16Page - Power Integrations, Inc. EPR-21 Datasheet HTML 17Page - Power Integrations, Inc. EPR-21 Datasheet HTML 18Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
EPR-21 – 5 V, 30 W DC-DC Converter
19-Nov-02
9 PIXls Design Spreadsheet
DCDC_DPAFwd_rev1.02_061802
Copyright Power Integrations
Inc. 2002
INPUT
INFO
OUTPUT
UNIT
DPA_061802_R102xls: DPA-Switch
Forward Transformer Design
Spreadsheet
OUTPUT VOLTAGE AND CURRENT
EP21 DC-DC Converter
VMAIN
5
Volts
Main output voltage
IMAIN
6
Amps
Main output current
VOUT2
Volts
Output2 voltage
IOUT2
Amps
Output2 current
POUT
30 Watts
Total output power
VBIAS
12.0
Volts
DC bias voltage from output inductor
winding
INPUT VOLTAGE AND UV/OV
VMIN
36
DC volts
Minimum DC input voltage
VMAX
72
DC volts
Maximum DC input voltage
min
max
VUV OFF
30
30.0
33.1 DC volts
Minimum undervoltage On-Off
threshold
VUV ON
32.2
34.6 DC volts
Maximum undervoltage Off-On
threshold (turn-on)
VOV ON
74.8
- DC volts
Minimum overvoltage Off-On threshold
VOV OFF
-
94.6 DC Volts
Maximum overvoltage On-Off threshold
(turn-off)
RL
618.0 kOhm
Line Sense resistor value (L-pin) - goal
seek (VUV OFF) for std 1% resistor
series
ENTER DPA-Switch VARIABLES
DPA-Switch
dpa424
16VDC
36VDC
Chosen Device
DPA424
Power 15.5 W
35W
ILIMIT
2.32
2.68
Amps
From DPA-Switch datasheet
Frequency - (F)=400kHz,
(L)=300kHz
f
Full (F) frequency option - 400 kHz
fS
375000
425000
400000
Hertz
From DPA-Switch datasheet
KI
1
External limit reduction factor (KI=1.0
for default ILIMIT, KI <1.0 for lower
ILIMIT)
ILIMITEXT
2.32 Amps
External current limit
RX
- kOhm
Current Limit resistor value (X-pin) -
assumes minimum datasheet curve (fig
32)
DUVON GOAL
0.71
Maximum allowed duty cycle at VUV
ON MIN undervoltage threshold
KDI
0.15
Maximum current ripple factor
VDS
2 Volts
DPA-Switch average on-state Drain to
Source Voltage
VDSOP
178.7 Volts
Required drain voltage for guaranteed
transformer reset
DIODE Vf SELECTION
VDMAIN
0.5 Volts
Main output diodes forward voltage
drop
VDOUT2
0.5 Volts
Secondary output diodes forward
Page 14 of 32
Power Integrations, Inc.
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com