Electronic Components Datasheet Search
  English  ▼

X  

EPR-21 Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # EPR-21
Description  Engineering Prototype Report (EP-21) - 30 W DC-DC Converter with DPA424
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-21 Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button EPR-21 Datasheet HTML 7Page - Power Integrations, Inc. EPR-21 Datasheet HTML 8Page - Power Integrations, Inc. EPR-21 Datasheet HTML 9Page - Power Integrations, Inc. EPR-21 Datasheet HTML 10Page - Power Integrations, Inc. EPR-21 Datasheet HTML 11Page - Power Integrations, Inc. EPR-21 Datasheet HTML 12Page - Power Integrations, Inc. EPR-21 Datasheet HTML 13Page - Power Integrations, Inc. EPR-21 Datasheet HTML 14Page - Power Integrations, Inc. EPR-21 Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
19-Nov-02
EPR-21 – 5 V, 30 W DC-DC Converter
7.3 Transformer Build Diagram
½ Primary
Secondary
5, 6
3
7, 8
1
3
4
Tape
½ Primary
Figure 5
− EP-21 Transformer Build Diagram.
7.4 Transformer Construction
½ Primary
Start at Pin 4. Wind 8 turns of item [3] in 1 layer. Finish on Pin 3.
Basic Insulation
Use one layer of item [4] for basic insulation.
Secondary Winding
Start at Pins 5 and 6. Wind 4 quadrifilar turns of item [3]. Finish on Pins 7 and 8.
Basic Insulation
Use one layer of item [4] for basic insulation.
½ Primary
Start at Pin 3. Wind 7 turns of item [3] in 1 layer. Finish on Pin 1.
Outer Wrap
Wrap windings with 3 layers of tape item [4].
Final Assembly
Assemble and secure core halves. Varnish impregnate item [5].
Page 11 of 32
Power Integrations, Inc.
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com