Electronic Components Datasheet Search
  English  ▼

X  

EPR-21 Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # EPR-21
Description  Engineering Prototype Report (EP-21) - 30 W DC-DC Converter with DPA424
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-21 Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button EPR-21 Datasheet HTML 8Page - Power Integrations, Inc. EPR-21 Datasheet HTML 9Page - Power Integrations, Inc. EPR-21 Datasheet HTML 10Page - Power Integrations, Inc. EPR-21 Datasheet HTML 11Page - Power Integrations, Inc. EPR-21 Datasheet HTML 12Page - Power Integrations, Inc. EPR-21 Datasheet HTML 13Page - Power Integrations, Inc. EPR-21 Datasheet HTML 14Page - Power Integrations, Inc. EPR-21 Datasheet HTML 15Page - Power Integrations, Inc. EPR-21 Datasheet HTML 16Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
EPR-21 – 5 V, 30 W DC-DC Converter
19-Nov-02
8 Inductor Specification
WDG #2
7 T
2 X #24 AWG
WDG #1
18 T
#32 AWG
2
1
5, 6
7, 8
Figure 6 – EP-21 Inductor, L2 Rev. 6.
8.1 Electrical Specifications
Electrical Strength
1 s, from Pins 1, 2 to Pins 5-8
1500 VDC
Creepage
Between Pins 1, 2 and Pins 5-8
N/A
Inductance
Pins 5, 6 to 7, 8, all other windings open,
measured at 100 kHz, 400 mVRMS
8
µH,
±10%
Resonant Frequency
N/A
Primary Leakage Inductance
N/A
8.2 Materials
Item
Description
[1]
Core: PR 14 X 8 Epcos N87, P/N B65755-J-R87 Gap for AL of 163 nH/T
2
[2]
Bobbin: 8 pin P1408 surface mount B&B B-096 or equivalent
[3]
Magnet Wire: #24 AWG Double Coated
[4]
Magnet Wire: #32 AWG Double Coated
[5]
Tape, Polyester, 3M #1298 or equiv. 4.5 mm wide
[6]
Varnish
Page 12 of 32
Power Integrations, Inc.
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com