Electronic Components Datasheet Search
  English  ▼

X  

EPR-21 Datasheet(PDF) 15 Page - Power Integrations, Inc.

Part # EPR-21
Description  Engineering Prototype Report (EP-21) - 30 W DC-DC Converter with DPA424
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-21 Datasheet(HTML) 15 Page - Power Integrations, Inc.

Back Button EPR-21 Datasheet HTML 11Page - Power Integrations, Inc. EPR-21 Datasheet HTML 12Page - Power Integrations, Inc. EPR-21 Datasheet HTML 13Page - Power Integrations, Inc. EPR-21 Datasheet HTML 14Page - Power Integrations, Inc. EPR-21 Datasheet HTML 15Page - Power Integrations, Inc. EPR-21 Datasheet HTML 16Page - Power Integrations, Inc. EPR-21 Datasheet HTML 17Page - Power Integrations, Inc. EPR-21 Datasheet HTML 18Page - Power Integrations, Inc. EPR-21 Datasheet HTML 19Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
19-Nov-02
EPR-21 – 5 V, 30 W DC-DC Converter
voltage drop
VDB
0.7 Volts
Bias diode forward voltage drop
TRANSFORMER CORE SELECTION
Core Type
pr14x8
Core
PR14x8
P/N:
B65755-J-R87
Bobbin
PR14x8_Bo
P/N:
B65542-B-T1
AE
0.253 cm^2
Core Effective Cross Sectional Area
LE
2.53 cm
Core Effective Path Length
AL
2000 nH/T^2
Ungapped Core Effective Inductance
BW
4.4 mm
Bobbin Physical Winding Width
LG MAX
0.005
0.005 mm
Maximum actual gap when zero gap
specified
D FACTOR
1.00
Duty cycle factor
L
1.10
Transformer primary layers (split
primary recommended)
NMAIN
4
Main rounded turns
NS2
0
Vout2 rounded secondary turns (AC
stacked winding)
VOUT2 ACTUAL
0.0 Volts
Approximate Output2 voltage of with
NS2 = 0 turns (AC stacked secondary)
TRANSFORMER DESIGN PARAMETERS
NP
15
Primary rounded turns
BM
1449 Gauss
Max operating flux density at minimum
switching frequency
BP
2794 Gauss
Max transient flux density at minimum
switching frequency
LP MIN
0.342 mHenries
Minimum primary magnetizing
inductance (assumes LG MAX-5um)
IMAG
0.151 Amps
Peak magnetizing current at minimum
input voltage
OD_P
0.38 mm
Primary wire outer diameter
AWG_P
27 AWG
Primary Wire Gauge (rounded to
maximum AWG value)
DUTY CYCLE VALUES
DUVON MIN
0.68
Duty cycle at minimum undervoltage
threshold
DVMIN
0.61
Duty cycle at minimum DC input
voltage
DVMAX
0.29
Duty cycle at maximum DC input
voltage
DOVOFF MAX
0.22
Duty cycle at maximum DC overvoltage
threshold
CURRENT WAVESHAPE PARAMETERS
IP
1.835 Amps
Maximum peak primary current at
maximum DC input voltage
IPRMS
1.246 Amps
Maximum primary RMS current at
minimum DC input voltage
COUPLED INDUCTOR OUTPUT PARAMETERS
LMAIN
8
8.0 uHenries
Main / Output2 coupled output
inductance (referred to Main winding)
WLMAIN
144 uJoules
Main / Output2 coupled inductor full-
load stored energy
Page 15 of 32
Power Integrations, Inc.
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com