Electronic Components Datasheet Search
  English  ▼

X  

EPR-21 Datasheet(PDF) 16 Page - Power Integrations, Inc.

Part # EPR-21
Description  Engineering Prototype Report (EP-21) - 30 W DC-DC Converter with DPA424
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-21 Datasheet(HTML) 16 Page - Power Integrations, Inc.

Back Button EPR-21 Datasheet HTML 12Page - Power Integrations, Inc. EPR-21 Datasheet HTML 13Page - Power Integrations, Inc. EPR-21 Datasheet HTML 14Page - Power Integrations, Inc. EPR-21 Datasheet HTML 15Page - Power Integrations, Inc. EPR-21 Datasheet HTML 16Page - Power Integrations, Inc. EPR-21 Datasheet HTML 17Page - Power Integrations, Inc. EPR-21 Datasheet HTML 18Page - Power Integrations, Inc. EPR-21 Datasheet HTML 19Page - Power Integrations, Inc. EPR-21 Datasheet HTML 20Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
EPR-21 – 5 V, 30 W DC-DC Converter
19-Nov-02
KDIMAIN
0.20
Current ripple factor of combined Main
and Output2 outputs
nOUT2
0.0
Approximate turns ratio for Output2
winding
nBIAS
2.3
Approximate turns ratio for Bias
winding
SECONDARY OUTPUT PARAMETERS
No derating
ISMAINRMSLL
4.67 Amps
Maximum transformer secondary RMS
current (AC stacked secondary)
ISOUT2RMSLL
0.00 Amps
Maximum transformer secondary RMS
current (AC stacked secondary)
IDAVMAIN
4.23 Amps
Maximum average current, Main
rectifier (single device rating)
IDAVOUT2
0.00 Amps
Maximum average current, Main
rectifier (single device rating)
IRMSMAIN
0.35 Amps
Maximum RMS current, Main output
capacitor
IRMSOUT2
0.00 Amps
Maximum RMS current, Out2 output
capacitor
VPIVMAIN
39.6 Volts
Main rectifiers peak-inverse voltage
VPIVOUT2
0.0 Volts
Output2 rectifiers peak-inverse voltage
VPIVB
58.1 Volts
Bias output rectifier peak-inverse
voltage
Page 16 of 32
Power Integrations, Inc.
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com