Electronic Components Datasheet Search
  English  ▼

X  

CD1020 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # CD1020
Description  22-channel multiple switch detection interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1020 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button CD1020 Datasheet HTML 17Page - NXP Semiconductors CD1020 Datasheet HTML 18Page - NXP Semiconductors CD1020 Datasheet HTML 19Page - NXP Semiconductors CD1020 Datasheet HTML 20Page - NXP Semiconductors CD1020 Datasheet HTML 21Page - NXP Semiconductors CD1020 Datasheet HTML 22Page - NXP Semiconductors CD1020 Datasheet HTML 23Page - NXP Semiconductors CD1020 Datasheet HTML 24Page - NXP Semiconductors CD1020 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
NXP Semiconductors
CD1020
22-channel multiple switch detection interface
8.10 SPI control register definition
A 32-bit SPI allows the system microprocessor to configure the CD1020 for each input as well as read out the status of each input. The SPI also allows the Fault
Status and INTflg bits to be read via the SPI. The SPI MOSI bit definitions are given in Table 8:
Register #
Register name
Address
R/W
0
SPI check
0
0
0
0
0
0
0
0
02/03
Device configuration register
0
0
0
0
0
0
1
0/1
04/05
Tri-state SP register
0
0
0
0
0
1
0
0/1
06/07
Tri-state SG register
0
0
0
0
0
1
1
0/1
08/09
Wetting current level SP register
0
0
0
0
1
0
0
0/1
0A/0B
Wetting current level SG register 0
0
0
0
0
1
0
1
0/1
0C/0D
Wetting current level SG register 1
0
0
0
0
1
1
0
0/1
16/17
Continuous wetting current SP register
0
0
0
1
0
1
1
0/1
18/19
Continuous Wetting Current SG Register
0
0
0
1
1
0
0
0/1
1A/1B
Interrupt enable SP register
0
0
0
1
1
0
1
0/1
1C/1D
Interrupt enable SG register
0
0
0
1
1
1
0
0/1
1E/1F
Low-power mode configuration
0
0
0
1
1
1
1
0/1
20/21
Wake-up enable register SP
0
0
1
0
0
0
0
0/1
22/23
Wake-up enable register SG
0
0
1
0
0
0
1
0/1
24/25
Comparator only SP
0
0
1
0
0
1
0
0/1
26/27
Comparator only SG
0
0
1
0
0
1
1
0/1
28/29
LPM voltage threshold SP configuration
0
0
1
0
1
0
0
0/1
2A/2B
LPM voltage threshold SG configuration
0
0
1
0
1
0
1
0/1
2C/2D
Polling current SP configuration
0
0
1
0
1
1
0
0/1
2E/2F
Polling current SG configuration
0
0
1
0
1
1
1
0/1
39
Enter low-power mode
0
0
1
1
1
0
0
1
3A/3B
AMUX control register
0
0
1
1
1
0
1
0/1
Table 3. MOSI input register bit definition
CD1020
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5 — 20 August 2024
Document feedback
21 / 61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com