Electronic Components Datasheet Search
  English  ▼

X  

CD1020 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # CD1020
Description  22-channel multiple switch detection interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1020 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button CD1020 Datasheet HTML 9Page - NXP Semiconductors CD1020 Datasheet HTML 10Page - NXP Semiconductors CD1020 Datasheet HTML 11Page - NXP Semiconductors CD1020 Datasheet HTML 12Page - NXP Semiconductors CD1020 Datasheet HTML 13Page - NXP Semiconductors CD1020 Datasheet HTML 14Page - NXP Semiconductors CD1020 Datasheet HTML 15Page - NXP Semiconductors CD1020 Datasheet HTML 16Page - NXP Semiconductors CD1020 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
NXP Semiconductors
CD1020
22-channel multiple switch detection interface
• Input switch change of state (when enabled)
• Falling edge of WAKE_B (as set by the device configuration register)
• Falling edge of INT_B (with VDDQ = 5.0 V)
• Falling edge of CS_B (with VDDQ = 5.0 V)
• Power-On-Reset (POR)
The VDDQ supply may be removed from the device during LPM, however removing VDDQ from the device
disables a wake-up from falling edge of INT_B and CS_B. The IC checks the status of VDDQ after a falling edge
of WAKE_B (as selected in the device configuration register), INT_B and CS_B. The IC returns to LPM and
does not report a Wake event, if VDDQ is low. If the VDDQ is high, the IC wakes up and reports the Wake event.
In cases where CS_B is used to wake the device, the first MISO data message is not valid.
The LPM command contains setting of the polling timer, as shown in Table 23. The polling timer is used
periodically to poll the inputs during low-power mode to check for change of states. The tACTIVEPOLL time is
the length of time the part is active during the polling timer to check for change of state. The low-power mode
voltage threshold allows the user to determine the noise immunity versus lower current levels that polling
allows. Figure 13 shows the polling operation.
When an input is determined to meet the condition Open (when entering LPM), yet while Open (on polling
event) the chip does not continue the polling event for that input(s) to lower current in the chip (Figure 12 shows
SG, SB is logically the same).
aaa-056368
55 μs
Polling timer
(64 ms def)
Voltage on SG pin
Latch voltage
LPM voltage threshold
(~0.25 V)
Compare voltage to initial
(Delta > 0.25 or > 4.0 V)
End polling (current off if
no change detected)
Figure 6. Low-power mode polling check
CD1020
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5 — 20 August 2024
Document feedback
13 / 61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com