Electronic Components Datasheet Search
  English  ▼

X  

CD1020 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # CD1020
Description  22-channel multiple switch detection interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1020 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button CD1020 Datasheet HTML 8Page - NXP Semiconductors CD1020 Datasheet HTML 9Page - NXP Semiconductors CD1020 Datasheet HTML 10Page - NXP Semiconductors CD1020 Datasheet HTML 11Page - NXP Semiconductors CD1020 Datasheet HTML 12Page - NXP Semiconductors CD1020 Datasheet HTML 13Page - NXP Semiconductors CD1020 Datasheet HTML 14Page - NXP Semiconductors CD1020 Datasheet HTML 15Page - NXP Semiconductors CD1020 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
NXP Semiconductors
CD1020
22-channel multiple switch detection interface
above the UV threshold (~4.3 V rising). The internal fuses read in approximately 50 μs and the chip enters the
normal mode.
8.1.3 Normal mode
In normal mode, the chip operates as selected in the available registers. Any command may be loaded in
normal mode, although not all (low-power mode) registers are used in the normal mode. All the LPM registers
must be programmed in Normal mode as the SPI is not active in LPM. The normal mode of the chip is used to:
• Operate the AMUX
• Communicate via the SPI
• Interrupt the IC, wetting and sustain currents, and the thresholds available to use
The WAKE_B pin is asserted (low) in normal mode and can be used to enable a power supply (ENABLE_B).
Various fault detections are available in this mode including overvoltage, overtemperature, thermal warning, SPI
errors, and Hash faults.
8.1.4 Low-power mode
When the user needs to lower the IC current consumption, a low-power mode is used. The only method to enter
LPM is through a SPI word. After the chip is in low-power mode, the majority of circuitry is turned off including
most power rails, the 4.0 MHz oscillator, and all the fault detection circuits. This mode is the lowest current
consumption mode on the chip. If a fault occurs while the chip is in this mode, the chip does not see or register
the fault (does not report via the SPI when awakened). Some items may wake the IC in this mode, including
the interrupt timer, falling edge of INT_B, CS_B, or WAKE_B (configurable), or a comparator-only mode switch
detection.
8.1.5 Polling mode
The CD1020 uses a polling mode that periodically (selectable in LPM config register) interrogates the input
pins to determine in what state the pins are, and decides if there was a change of state from when the chip
was in normal mode. There are various configurations for this mode, which allow the user greater flexibility in
operation. This mode uses the current sources to pull up (SG) or pull down (SB) to determine if a switch is open
or closed. More information is available in section 7.2, "Low-power mode operation".
In the case of a low VBATP, the polling pauses and waits until the VBATP rises out of UV or a POR occurs. The
pause of the polling ensures all of the internal rails, currents, and thresholds are up at the required levels to
accurately detect open or closed switches. The chip does not wake-up in this condition and simply waits for the
VBATP voltage to rise or cause a POR.
After the polling ends, the chip either returns to the low-power mode, or enters normal mode when a wake event
is detected. Other events may wake the chip as well, such as the falling edge of CS_B, INT_B, or WAKE_B
(configurable). A comparator only mode switch detection is always on in LPM or Polling mode, therefore, a
change of state for those inputs would effectively wake the IC in Polling mode as well.
If the Wake-up enable bits are disabled on all channels (SG and SP), the device will not wake up with a change
of state on any of the input pins. In this case, the device will disable the polling timer to allow the lowest current
consumption during low-power mode.
8.2 Low-power mode operation
Low-power mode (LPM) is used to reduce system quiescent currents. LPM may be entered only by sending the
Enter Low-power mode command. All register settings programmed in normal mode are maintained while in
LPM.
The CD1020 exits LPM and enter normal mode when any of the following events occur:
CD1020
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5 — 20 August 2024
Document feedback
12 / 61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com