Electronic Components Datasheet Search
  English  ▼

X  

CD1020 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # CD1020
Description  22-channel multiple switch detection interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1020 Datasheet(HTML) 4 Page - NXP Semiconductors

  CD1020 Datasheet HTML 1Page - NXP Semiconductors CD1020 Datasheet HTML 2Page - NXP Semiconductors CD1020 Datasheet HTML 3Page - NXP Semiconductors CD1020 Datasheet HTML 4Page - NXP Semiconductors CD1020 Datasheet HTML 5Page - NXP Semiconductors CD1020 Datasheet HTML 6Page - NXP Semiconductors CD1020 Datasheet HTML 7Page - NXP Semiconductors CD1020 Datasheet HTML 8Page - NXP Semiconductors CD1020 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
NXP Semiconductors
CD1020
22-channel multiple switch detection interface
4 Functional block diagram
aaa-056367
CD1020 Functional internal block diagram
Input power
VBATP
battery supply
VDDQ
logic supply
Bias and references
192 kHz
LPM oscillator
1.25 V internal bandgap
4.0 V SW detection reference
4.0 MHz
oscillator
Logic and control
WAKE_B I/O
SPI serial communication and registers
INT_B I/O
Switch status detection
SG0 - SG13
Selectable wetting current level
Pulse/continuous wetting current
SP0 - SP7
SPI communication/
switch status read
Programmable polling/
interrupt time
Switch to ground (SG)
only
Switch to ground (SG)
Switch to battery (SB)
14x switch to ground
8x programmable switch
Analog multiplexer (AMUX)
SPx/SGx inputs to AMUX
22 to 1 SPI AMUX select
Modes of operation
Normal mode
Low power mode
VBATP UV detect
SPI error detect
Fault detection and protection
Overtemperature
protection
HASH error detect
OV detection
Figure 1. Functional block diagram
CD1020
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5 — 20 August 2024
Document feedback
4 / 61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com