Electronic Components Datasheet Search
  English  ▼

X  

CD1020 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # CD1020
Description  22-channel multiple switch detection interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1020 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button CD1020 Datasheet HTML 36Page - NXP Semiconductors CD1020 Datasheet HTML 37Page - NXP Semiconductors CD1020 Datasheet HTML 38Page - NXP Semiconductors CD1020 Datasheet HTML 39Page - NXP Semiconductors CD1020 Datasheet HTML 40Page - NXP Semiconductors CD1020 Datasheet HTML 41Page - NXP Semiconductors CD1020 Datasheet HTML 42Page - NXP Semiconductors CD1020 Datasheet HTML 43Page - NXP Semiconductors CD1020 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
NXP Semiconductors
CD1020
22-channel multiple switch detection interface
9 General product characteristics
9.1 Maximum ratings
All voltages are with respect to ground, unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Symbol
Description (rating)
Min
Max
Unit
Notes
Electrical ratings
VBATP
Battery voltage
–0.3
40
V
VDDQ
Supply voltage
–0.3
7.0
V
CS_B,
MOSI,
MISO, SCLK
SPI inputs/outputs
–0.3
7.0
V
SGx, SPx
Switch input range
–14(2)
38
V
AMUX
AMUX
–0.3
7.0
V
INT_B
INT_B
–0.3
7.0
V
WAKE_B
WAKE_B
–0.3
40
V
VESD1-2
VESD1-3
VESD3-1
VESD2-1
VESD2-2
ESD voltage
• Human Body Model (HBM) (VBATP versus GND)
CD1020
• Human Body Model (HBM) (All other pins)
• Machine Model (MM)
• Charge Device Model (CDM) (Corners pins)
• Charge Device Model (CDM) (All other pins)
±2000
±2000
±200
±750
±500
V
(3)
VESD5-3
VESD5-4
VESD6-2
Contact discharge
• VBATP(5)
• WAKE_B (series resistor 10 kΩ)
• SGx and SPx pins with 100 nF capacitor (50 Ω series R)
±8000
±8000
±8000
V
(4)
Notes
2. Minimum value of –18 V is guaranteed by design for switch input voltage range (SGx, SPx).
3. ESD testing is performed in accordance AEC Q100, with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500
Ω), the Machine Model (MM) (CZAP = 200 pF, RZAP = 0 Ω), and the Charge Device Model (CDM).
4. CZAP = 330 pF, RZAP = 2.0 kΩ (powered and unpowered) / CZAP = 150 pF, RZAP = 330 Ω (unpowered)
5. External component requirements at system level:
Cbulk = 100 μF aluminum electrolytic capacitor
Cbypass= 100 nF ±37 % ceramic capacitor
Reverse blocking diode from Battery to VBATP (0.6 V < VF < 1 V). See Figure 22, Typical application diagram.
Table 38. Maximum ratings
CD1020
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5 — 20 August 2024
Document feedback
40 / 61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com