Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4613
Description  EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 3Page - Linear Technology LTM4613 Datasheet HTML 4Page - Linear Technology LTM4613 Datasheet HTML 5Page - Linear Technology LTM4613 Datasheet HTML 6Page - Linear Technology LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology LTM4613 Datasheet HTML 10Page - Linear Technology LTM4613 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LTM4613
7
4613fd
For more information www.linear.com/LTM4613
PIN FUNCTIONS
VIN (Bank 1): Power Input Pins. Apply input voltage be-
tween these pins and PGND pins. Recommend placing
input decoupling capacitance directly between VIN pins
and PGND pins.
PGND (Bank 2): Power Ground Pins for Both Input and
Output Returns.
VOUT (Bank 3): Power Output Pins. Apply output load
between these pins and PGND pins. Recommend placing
output decoupling capacitance directly between these pins
and PGND pins (see the LTM4613 Pin Configuration below).
VD (Pins C1 to C7, B6 to B7, A6): Top FET Drain Pins.
Add more high frequency ceramic decoupling capacitors
between VD and PGND to handle the input RMS current
and reduce the input ripple further.
DRVCC(PinsC10,E11,E12):Thesepinsnormallyconnect
to INTVCC for powering the internal MOSFET drivers. They
can be biased up to 6V from an external supply with about
50mA capability. This improves efficiency at the higher
inputvoltagesbyreducingpowerdissipationinthemodule.
See the Applications Information section.
INTVCC (Pin A7): This pin is for additional decoupling of
the 5V internal regulator.
PLLIN(PinA8):ExternalClockSynchronizationInputtothe
Phase Detector. This pin is internally terminated to SGND
with a 50k resistor. Apply a clock above 2V and below
INTVCCsubjecttominimumon-timeandminimumoff-time
requirements. See the Applications Information section.
FCB (Pin M12): Forced Continuous Input. Connect this pin
to SGND to force continuous synchronization operation
at light load or to INTVCC to enable discontinuous mode
operation at light load.
TRACK/SS(PinA9):OutputVoltageTrackingandSoft-Start
Pin. When the module is configured as a master output,
then a soft-start capacitor is placed on this pin to ground
to control the master ramp rate. A soft-start capacitor can
be used for soft-start turn-on as a standalone regulator.
Slave operation is performed by putting a resistor divider
from the master output to the ground, and connecting the
center point of the divider to this pin. See the Applications
Information section.
MPGM (Pins A12, B11): Programmable Margining In-
put. A resistor from these pins to ground sets a current
that is equal to 1.18V/R. This current multiplied by 10k
will equal a value in millivolts that is a percentage of the
0.6V reference voltage. Leave floating if margining is not
used. See the Applications Information section. To parallel
LTM4613s, each requires an individual MPGM resistor.
Do not tie MPGM pins together.
fSET (Pin B12): Frequency Set Internally to 600kHz at 12V
Output. An external resistor can be placed from this pin
to ground to increase frequency or from this pin to VIN
to reduce frequency. See the Applications Information
section for frequency adjustment.
LTM4613 Pin Configuration
(See Package Description for Pin Assignments)
MARG1
DRVCC
VFB
PGOOD
SGND
NC
NC
NC
FCB
VIN
BANK 1
VD
PGND
BANK 2
VOUT
BANK 3
fSET
MARG0
LGA PACKAGE
133-LEAD (15mm × 15mm × 4.32mm)
TOP VIEW
SGND
12
2
1
4
3
5 6
9
8
10 11
7
A
B
C
D
E
F
G
H
J
K
L
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com