Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 30 Page - Linear Technology

Part # LTM4613
Description  EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 22Page - Linear Technology LTM4613 Datasheet HTML 23Page - Linear Technology LTM4613 Datasheet HTML 24Page - Linear Technology LTM4613 Datasheet HTML 25Page - Linear Technology LTM4613 Datasheet HTML 26Page - Linear Technology LTM4613 Datasheet HTML 27Page - Linear Technology LTM4613 Datasheet HTML 28Page - Linear Technology LTM4613 Datasheet HTML 29Page - Linear Technology LTM4613 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
LTM4613
30
4613fd
For more information www.linear.com/LTM4613
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©
LINEAR TECHNOLOGY CORPORATION 2011
LT 0916 REV D • PRINTED IN USA
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTM4613
RELATED PARTS
PACKAGE PHOTOGRAPH
PART NUMBER
DESCRIPTION
COMMENTS
LTM4612
Lower IOUT Than LTM4613, EN55022B Compliant,
36VIN, 5A µModule Regulator
5V ≤ VIN ≤ 36V, 3.3V ≤ VOUT ≤ 15V, 15mm × 15mm × 2.82mm (LGA)
LTM4606
EN55022B Compliant, 28VIN, 6A µModule Regulator
4.5V ≤ VIN ≤ 28V, 0.5V ≤ VOUT ≤ 5V, 15mm × 15mm × 2.82mm (LGA),
15mm × 15mm × 3.42mm (BGA)
LTM8031
EN55022B Compliant, 36VIN, 1A µModule Regulator
3.6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 10V, 9mm × 15mm × 2.82mm (LGA),
9mm × 15mm × 3.42mm (BGA)
LTM8032
EN55022B Compliant, 36VIN, 2A µModule Regulator
3.6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 10V, 9mm × 15mm × 2.82mm (LGA),
9mm × 15mm × 3.42mm (BGA)
LTM8033
EN55022B Compliant, 36VIN, 3A µModule Regulator
3.6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 24V, 11.25mm × 15mm × 4.32mm (LGA),
11.25mm × 15mm × 4.92mm (BGA)
LTM8028
Low Output Noise, 36VIN, 5A µModule Regulator
6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 1.8V, 15mm × 15mm × 4.92mm (BGA)
LTM4601AHV
28VIN, 12A µModule Regulator with PLL, Tracking and
Margining
4.5V VIN 28V, 0.6V VOUT 5V, 15mm × 15mm × 2.82mm (LGA), 15mm ×
15mm × 3.42mm (BGA)
LTM4641
38VIN, 10A µModule Regulator with Input and Load
Protection
4.5V ≤ VIN ≤ 38V, 0.6V ≤ VOUT ≤ 6V, 15mm × 15mm × 5.01mm (BGA)
LTM8003
FMEA Compliant Pinout, 150°C Operation, 40VIN, 3.5A
µModule Regulator
3.4V ≤ VIN ≤ 40V, 0.97V ≤ VOUT ≤ 18V, 6.25mm × 9mm × 3.32mm (BGA)
LTM8053
40VIN, 3.5A µModule Regulator in 6.25mm × 9mm BGA
Package
3.4V ≤ VIN ≤ 40V, 0.97V ≤ VOUT ≤ 15V, 6.25mm × 9mm × 3.32mm (BGA)
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com