Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 15 Page - Linear Technology

Part # LTM4613
Description  EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology LTM4613 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
LTM4613
15
4613fd
For more information www.linear.com/LTM4613
APPLICATIONS INFORMATION
Ratiometric tracking can be achieved by a few simple cal-
culations and the slew rate value applied to the master’s
TRACK/SS pin. The TRACK/SS pin has a control range
from 0 to 0.6V. The master’s TRACK/SS pin slew rate is
directly equal to the master’s output slew rate in Volts/
Time. The equation:
MR
SR
•100k =R2
where MR is the master’s output slew rate and SR is the
slave’s output slew rate in Volts/Time. When coincident
tracking is desired, then MR and SR are equal, thus R2 is
equal to 100k. R1 is derived from equation:
R1=
0.6V
VFB
100k
+
VFB
RFB
–
VTRACK
R2
where VFB is the feedback voltage reference of the regula-
tor, and VTRACK is 0.6V. Since R2 is equal to the 100k top
feedback resistor of the slave regulator in equal slew rate
or coincident tracking, then R1 is equal to RFB with VFB =
VTRACK. Therefore R2 = 100k, and R1 = 5.23k in Figure 5.
In ratiometric tracking, a different slew rate maybe desired
for the slave regulator. R2 can be solved for when SR is
slower than MR. Make sure that the slave supply slew
rate is chosen to be fast enough so that the slave output
voltage will reach its final value before the master output.
For example, MR = 1.5V/1ms, and SR = 1.2V/1ms. Then
R2 = 125k. Solve for R1 to equal 5.18k.
Each of the TRACK/SS pins will have the 1.5µA current
source on when a resistive divider is used to implement
trackingonthatspecificchannel. Thiswillimposeanoffset
on the TRACK/SS pin input. Smaller values resistors with
the same ratios as the resistor values calculated from
the above equation can be used. For example, where the
100k is used then a 10k value can be used to reduce the
TRACK/SS pin offset to a negligible value.
RUN Enable
The RUN pin is used to enable the power module. The
pin has an internal 5.1V Zener to ground. The pin can be
driven with 5V logic levels.
The RUN pin can also be used as an undervoltage lockout
(UVLO) function by connecting a resistor divider from
the input supply to the RUN pin. The equation for UVLO
threshold:
VUVLO =
RA +RB
RB
•1.5V
where RA is the top resistor, and RB is the bottom resistor.
Refer to Figure 1, Simplified Block Diagram.
Power Good
The PGOOD pin is an open-drain pin that can be used to
monitor valid output voltage regulation. This pin monitors
a ±10% window around the regulation point and tracks
with margining.
COMP Pin
This pin is the external compensation pin. The module
has already been internally compensated for most output
voltages. LTpowerCAD is available for other control loop
optimization.
FCB Pin
The FCB pin determines whether the bottom MOSFET
remains on when current reverses in the inductor. Tying
this pin above its 0.6V threshold enables discontinuous
operation where the bottom MOSFET turns off when in-
ductor current reverses. FCB pin below the 0.6V threshold
forcescontinuoussynchronousoperation,allowingcurrent
to reverse at light loads and maintaining high frequency
operation.
PLLIN Pin
The power module has a phase-locked loop comprised
of an internal voltage controlled oscillator and a phase
detector. This allows the internal top MOSFET turn-on
to be locked to the rising edge of an external clock. The
external clock frequency range must be within ±30%
around the set operating frequency. A pulse detection
circuit is used to detect a clock on the PLLIN pin to turn
on the phase-locked loop. The pulse width of the clock
has to be at least 400ns. The clock high level must be
above 2V and clock low level below 0.3V. The PLLIN pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com