Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4613
Description  EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology LTM4613 Datasheet HTML 10Page - Linear Technology LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LTM4613
11
4613fd
For more information www.linear.com/LTM4613
APPLICATIONS INFORMATION
Figure 2. Operating Frequency vs Output Voltage
Operating Frequency
The operating frequency of the LTM4613 is optimized to
achieve the compact package size and the minimum
output ripple voltage while still keeping high efficiency.
As shown in Figure 2, the frequency is linearly increased
with larger output voltages to keep the low output cur-
rent ripple. Figure 3 shows the inductor current ripple ∆I
with different output voltages. In most applications, no
additional frequency adjusting is required.
If lower output ripple is required, the operating frequency
f can be increased by adding a resistor RfSET between fSET
pin and SGND, as shown in Figure 19.
f =
VOUT
1.5•10−10 RfSET ||133k
(
)
[Hz]
Figure 3. Pk-Pk Inductor Current Ripple vs Output Voltage
Table 1. RFB Standard 1% Resistor Values vs VOUT
VOUT (V)
3.3
5
6
8
10
12
14
15
RFB (kΩ) 22.1 13.7 11.0 8.06 6.34 5.23 4.42 4.12
The MPGM pin programs a current that when multiplied
by an internal 10k resistor sets up the 0.6V reference ±
offset for margining. A 1.18V reference divided by the
RPGM resistor on the MPGM pin programs the current.
Calculate VOUT(MARGIN):
VOUT(MARGIN) =
%VOUT
100
• VOUT
Where %VOUT is the percentage of VOUT to be margined,
and VOUT(MARGIN) is the margin quantity in volts:
RPGM =
VOUT
0.6V
•
1.18V
VOUT(MARGIN)
•10k
Where RPGM is the resistor value to place on the MPGM
pin to ground.
The margining voltage, VOUT(MARGIN), will be added or
subtracted from the nominal output voltage as determined
by the state of the MARG0 and MARG1 pins. See the truth
table below:
MARG1
MARG0
MODE
LOW
LOW
NO MARGIN
LOW
HIGH
MARGIN UP
HIGH
LOW
MARGIN DOWN
HIGH
HIGH
NO MARGIN
Parallel Operation
The LTM4613 device is an inherently current mode con-
trolled device. This allows the paralleled modules to have
very good current sharing and balanced thermals on the
design.Figure21showsaschematicoftheparalleldesign.
The voltage feedback equation changes with the variable
N as modules are paralleled:
RFB =
100k
N
VOUT
0.6V
− 1
where N is the number of paralleled modules.
OUTPUT VOLTAGE (V)
2
4
0
400
1000
6
10
12
4613 F02
200
800
600
8
14
16
OUTPUT VOLTAGE (V)
2
0
1
3
4
5
10
9
4613 F03
2
6
4
12
14
8
16
6
7
8
VIN = 16V
VIN = 24V
VIN = 28V
VIN = 36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com