Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 19 Page - Linear Technology

Part # LTM4613
Description  EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology LTM4613 Datasheet HTML 19Page - Linear Technology LTM4613 Datasheet HTML 20Page - Linear Technology LTM4613 Datasheet HTML 21Page - Linear Technology LTM4613 Datasheet HTML 22Page - Linear Technology LTM4613 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
LTM4613
19
4613fd
For more information www.linear.com/LTM4613
Figure 9. Power Loss at 12VOUT and 15VOUT
Figure 10. Power Loss at 5VOUT
Figure 11. No Heat Sink with 36VIN
to 5VOUT
Figure 12. BGA Heat Sink with 36VIN to 5VOUT
Figure 13. No Heat Sink
with 24VIN to 12VOUT
Figure 14. BGA Heat Sink
with 24VIN to 12VOUT
APPLICATIONS INFORMATION
Figure 15. No Heat Sink with 36VIN to 15VOUT
Figure 16. BGA Heat Sink with 36VIN to 15VOUT
LOAD CURRENT (A)
0
5
6
7
8
4613 F09
4
3
2
4
6
10
2
1
0
36VIN TO 15VOUT
24VIN TO 12VOUT
LOAD CURRENT (A)
0
5
6
7
8
4613 F10
4
3
2
4
6
10
2
1
0
36VIN TO 5VOUT
AMBIENT TEMPERATURE (°C)
55
3
4
5
85
105
4613 F11
2
1
0
65
75
95
6
7
8
OLFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
55
3
4
5
85
105
4613 F12
2
1
0
65
75
95
6
7
8
OLFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
55
3
4
5
85
105
4613 F13
2
1
0
65
75
95
6
7
8
OLFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
55
3
4
5
85
105
4613 F14
2
1
0
65
75
95
6
7
8
OLFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
25
35
3
4
5
75
105
4613 F15
2
1
0
45
55
65
85
95
6
7
8
OLFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
25
35
3
4
5
85
105
4613 F16
2
1
0
45
55
65
75
95
6
7
8
OLFM
200LFM
400LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com