Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4613
Description  EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology LTM4613 Datasheet HTML 19Page - Linear Technology LTM4613 Datasheet HTML 20Page - Linear Technology LTM4613 Datasheet HTML 21Page - Linear Technology LTM4613 Datasheet HTML 22Page - Linear Technology LTM4613 Datasheet HTML 23Page - Linear Technology LTM4613 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LTM4613
20
4613fd
For more information www.linear.com/LTM4613
Layout Checklist/Example
The high integration of LTM4613 makes the PCB board
layout very simple and easy. However, to optimize its
electrical and thermal performance, some layout consid-
erations are still necessary.
• Use large PCB copper areas for high current path, in-
cluding VIN, PGND and VOUT. It helps to minimize the
PCB conduction loss and thermal stress.
• Place high frequency ceramic input and output capaci-
tors next to the VD, PGND and VOUT pins to minimize
high frequency noise.
• Place a dedicated power ground layer underneath the
unit.
• Use round corners for the PCB copper layer to minimize
the radiated noise.
• To minimize the EMI noise and reduce module thermal
stress, use multiple vias for interconnection between
top layer and other power layers.
• Do not put vias directly on pads.
• If vias are placed onto the pads, the the vias must be
capped.
• Interstitial via placement can also be used if necessary.
• Use a separated SGND ground copper area for com-
ponents connected to signal pins. Connect the SGND
to PGND underneath the unit.
• Place one or more high frequency ceramic capacitors
close to the connection into the system board.
Figure17givesagoodexampleoftherecommendedlayout.
APPLICATIONS INFORMATION
Table 4. 5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 11
36
Figure 10
0
None
8.5
Figure 11
36
Figure 10
200
None
6.5
Figure 11
36
Figure 10
400
None
6.5
Figure 12
36
Figure 10
0
BGA Heat Sink
8
Figure 12
36
Figure 10
200
BGA Heat Sink
6
Figure 12
36
Figure 10
400
BGA Heat Sink
6
Table 5. Heat Sink Manufacturers
HEAT SINK MANUFACTURER
PART NUMBER
WEBSITE
AAVID Thermalloy
375424B00034G
www.aavidthermalloy.com
Cool Innovations
4-050503P to 4-050508P
www.coolinnovations.com
Table 3. 12V and 15V Outputs
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figures 13, 15
24, 36
Figure 9
0
None
10
Figures 13, 15
24, 36
Figure 9
200
None
8
Figures 13, 15
24, 36
Figure 9
400
None
7
Figures 14, 16
24, 36
Figure 9
0
BGA Heat Sink
9.5
Figures 14, 16
24, 36
Figure 9
200
BGA Heat Sink
6.5
Figures 14, 16
24, 36
Figure 9
400
BGA Heat Sink
6.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com