Electronic Components Datasheet Search
  English  ▼

X  

AD532 Datasheet(PDF) 4 Page - Analog Devices

Part # AD532
Description  Internally Trimmed Integrated Circuit Multiplier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD532 Datasheet(HTML) 4 Page - Analog Devices

  AD532 Datasheet HTML 1Page - Analog Devices AD532 Datasheet HTML 2Page - Analog Devices AD532 Datasheet HTML 3Page - Analog Devices AD532 Datasheet HTML 4Page - Analog Devices AD532 Datasheet HTML 5Page - Analog Devices AD532 Datasheet HTML 6Page - Analog Devices AD532 Datasheet HTML 7Page - Analog Devices AD532 Datasheet HTML 8Page - Analog Devices AD532 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AD532
Data Sheet
Rev. E | Page 4 of 14
AD532J
AD532K
AD532S
Model
Test Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SQUARE PERFORMANCE
V
10
)
(
2
2
1
X
X 
V
10
)
(
2
2
1
X
X 
V
10
)
(
2
2
1
X
X 
Transfer Function
Total Error
±0.8
±0.4
±0.4
%
SQUARE ROOTER
PERFORMANCE
Transfer Function
Z
V
10
Z
V
10
Z
V
10
Total Error
0 V ≤ VZ ≤ 10 V
±1.5
±1.0
±1.0
%
POWER SUPPLY
SPECIFICATIONS
Supply Voltage
Rated Performance
±15
±15
±15
V
Operating
±10
±18
±10
±18
±10
±22
V
Supply Current
Quiescent
4
6
4
6
4
6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com