Electronic Components Datasheet Search
  English  ▼

X  

AD532 Datasheet(PDF) 12 Page - Analog Devices

Part # AD532
Description  Internally Trimmed Integrated Circuit Multiplier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD532 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD532 Datasheet HTML 6Page - Analog Devices AD532 Datasheet HTML 7Page - Analog Devices AD532 Datasheet HTML 8Page - Analog Devices AD532 Datasheet HTML 9Page - Analog Devices AD532 Datasheet HTML 10Page - Analog Devices AD532 Datasheet HTML 11Page - Analog Devices AD532 Datasheet HTML 12Page - Analog Devices AD532 Datasheet HTML 13Page - Analog Devices AD532 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AD532
Data Sheet
Rev. E | Page 12 of 14
Table 5. Adjustment Procedure (Divider or Square Rooter)
Divider
Square Rooter
With:
Adjust for:
With:
Adjust for:
Adjust
X
Z
VOUT
Z
VOUT
Scale
Factor
−10 V
+10 V
−10 V
+10 V
−10 V
X0 (Offset)
−1 V
+0.1 V
−1 V
+0.1 V
−1 V
The optional scale factor and offset adjustments listed in Table 5
may be interactive. Repeat until satisfactory results are obtained.
SQUARE ROOT
AD532
20kΩ
(X0)
47kΩ
2.2kΩ
10kΩ
1kΩ
(SF)
+VS
–VS
+VS
–VS
VOUT = 10VZ
Z
OUT
Z
VOUT
X1
X2
Y1
Y2
Figure 17. Square Rooter Connection
The connections for square root mode are shown in Figure 17.
Similar to the divide mode, the multiplier cell is connected in
the feedback of the op amp by connecting the output back to
both the X and Y inputs. The diode D1 is connected as shown to
prevent latch-up as ZIN approaches 0 V. In this case, the VOS
adjustment is made with ZIN = +0.1 V dc, adjusting VOS to obtain
−1.0 V dc in the output, VOUT =
Z
V
10
. For optimum
performance, gain (SF) and offset (X0) adjustments are
recommended as shown and explained in Table 5.
DIFFERENCE OF SQUARES
AD532
20kΩ
+VS
–VS
+VS
–VS
VOS
VOUT
X1
X2
Y1
Y2
Z
OUT
20kΩ
20kΩ
10kΩ
–Y
X
Y
(OPTIONAL)
VOUT =
X2 – Y2
10V
AD741KH
Figure 18. Differential of Squares Connection
The differential input capability of the AD532 allows for the
algebraic solution of several interesting functions, such as the
difference of squares, X2 − Y2/10 V. As shown in Figure 18, the
AD532 is configured in the square mode, with a simple unity
gain inverter connected between one of the signal inputs (Y)
and one of the inverting input terminals (−YIN) of the multiplier.
The inverter should use precision (0.1%) resistors or be otherwise
trimmed for unity gain for best accuracy.
ADDITIONAL INFORMATION
For additional information about the applications for the AD532,
refer to the Multiplier Application Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com