Electronic Components Datasheet Search
  English  ▼

X  

AD532 Datasheet(PDF) 7 Page - Analog Devices

Part # AD532
Description  Internally Trimmed Integrated Circuit Multiplier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD532 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD532 Datasheet HTML 3Page - Analog Devices AD532 Datasheet HTML 4Page - Analog Devices AD532 Datasheet HTML 5Page - Analog Devices AD532 Datasheet HTML 6Page - Analog Devices AD532 Datasheet HTML 7Page - Analog Devices AD532 Datasheet HTML 8Page - Analog Devices AD532 Datasheet HTML 9Page - Analog Devices AD532 Datasheet HTML 10Page - Analog Devices AD532 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
AD532
Rev. E | Page 7 of 14
TYPICAL PERFORMANCE CHARACTERISTICS
1
0.1
0.01
0
14
13
12
11
10
9
8
7
6
5
4
3
2
1
PEAK SIGNAL AMPLITUDE (V)
XIN
YIN
Figure 5. Distortion vs. Peak Signal Amplitude
100
1
10
0.1
10
1M
100k
10k
1k
100
FREQUENCY (Hz)
20V p-p SIGNAL
XIN
YIN
Figure 6. Distortion vs. Frequency
1k
10
100
1
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
Y FEEDTHROUGH
X FEEDTHROUGH
Figure 7. Feedthrough vs. Frequency
70
60
50
40
30
20
10
0
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
Y COMMON-MODE REJ
(X1 – X2) = +10V
X COMMON-MODE REJ
(Y1 – Y2) = +10V
Figure 8. CMRR vs. Frequency
1
0.1
0.01
10k
10M
1M
100k
FREQUENCY (Hz)
RL = 2kΩ, CL = 1000pF
RL = 2kΩ, CL = 0pF
Figure 9. Frequency Response, Multiplying
10
1
0.1
10k
10M
1M
100k
FREQUENCY (Hz)
VZ = 0.1 × VX sin ωT
VX = 1V
VX = 5V
VX = 10V
Figure 10. Frequency Response, Dividing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com