Electronic Components Datasheet Search
  English  ▼

X  

AD532 Datasheet(PDF) 6 Page - Analog Devices

Part # AD532
Description  Internally Trimmed Integrated Circuit Multiplier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD532 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD532 Datasheet HTML 2Page - Analog Devices AD532 Datasheet HTML 3Page - Analog Devices AD532 Datasheet HTML 4Page - Analog Devices AD532 Datasheet HTML 5Page - Analog Devices AD532 Datasheet HTML 6Page - Analog Devices AD532 Datasheet HTML 7Page - Analog Devices AD532 Datasheet HTML 8Page - Analog Devices AD532 Datasheet HTML 9Page - Analog Devices AD532 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AD532
Data Sheet
Rev. E | Page 6 of 14
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Y1
Y2
VOS
GND
X2
X1
–VS
OUT
Z
+VS
AD532
TOP VIEW
(Not to Scale)
Figure 3. 10-Lead Header Pin Configuration (H-10)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
Z
+VS
OUT
Y1
–VS
Y2
NC
VOS
NC
GND
NC
X2
X1
NC
NC = NO CONNECT.
DO NOT CONNECT TO THIS PIN.
AD532
TOP VIEW
(Not to Scale)
Figure 4. 14-Lead Side Brazed DIP (D-14)
Table 3. 10-Lead Header Pin Function Descriptions
Pin No.
Mnemonic
Description
1
Y1
Y Multiplicand Input 1
2
+VS
Positive Supply Voltage
3
Z
Dual Purpose Input
4
OUT
Product Output
5
−VS
Negative Supply Voltage
6
X1
X Multiplicand Input 1
7
X2
X Multiplicand Input 2
8
GND
Common
9
VOS
Output Offset Adjust
10
Y2
Y Multiplicand Input 2
Table 4. 14-Lead Side Brazed DIP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
Z
Dual Purpose Input
2
OUT
Product Output
3
−VS
Negative Supply Voltage
4, 5, 6, 8
NC
No Connection
7
X1
X Multiplicand Input 1
9
X2
X Multiplicand Input 2
10
GND
Common
11
VOS
Output Offset Adjust
12
Y2
Y Multiplicand Input 2
13
Y1
Y Multiplicand Input 1
14
+VS
Positive Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com