Electronic Components Datasheet Search
  English  ▼

X  

AD532 Datasheet(PDF) 10 Page - Analog Devices

Part # AD532
Description  Internally Trimmed Integrated Circuit Multiplier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD532 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD532 Datasheet HTML 6Page - Analog Devices AD532 Datasheet HTML 7Page - Analog Devices AD532 Datasheet HTML 8Page - Analog Devices AD532 Datasheet HTML 9Page - Analog Devices AD532 Datasheet HTML 10Page - Analog Devices AD532 Datasheet HTML 11Page - Analog Devices AD532 Datasheet HTML 12Page - Analog Devices AD532 Datasheet HTML 13Page - Analog Devices AD532 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AD532
Data Sheet
Rev. E | Page 10 of 14
AD532 PERFORMANCE CHARACTERISTICS
Multiplication accuracy is defined in terms of total error at 25°C
with the rated power supply. The value specified is in percent of
full scale and includes XIN and YIN nonlinearities, feedback and
scale factor error. To this must be added such application
dependent error terms as power supply rejection, common-
mode rejection and temperature coefficients (although worst
case error over temperature is specified for the AD532S). Total
expected error is the rms sum of the individual components
because they are uncorrelated.
Accuracy in the divide mode is only a little more complex. To
achieve division, the multiplier cell must be connected in the
feedback of the output op amp as shown in Figure 16. In this
configuration, the multiplier cell varies the closed-loop gain of
the op amp in an inverse relationship to the denominator voltage.
Therefore, as the denominator is reduced, output offset, bandwidth,
and other multiplier cell errors are adversely affected. The divide
error and drift are then εm × 10 V/(X1 − X2), where εm represents
multiplier full-scale error and drift and (X1 − X2) is the absolute
value of the denominator.
NONLINEARITY
Nonlinearity is easily measured in percent harmonic distortion.
The curves of Figure 5 and Figure 6 characterize output distortion
as a function of input signal level and frequency respectively,
with one input held at plus or minus 10 V dc. In Figure 6, the
sine wave amplitude is 20 V p-p.
AC FEEDTHROUGH
AC feedthrough is a measure of the multiplier’s zero suppression.
With one input at zero, the multiplier output should be zero
regardless of the signal applied to the other input. Feedthrough
as a function of frequency for the AD532 is shown in Figure 7.
It is measured for the condition VX = 0, VY = 20 V p-p and VY = 0,
VX = 20 V (p-p) over the given frequency range. It consists
primarily of the second harmonic and is measured in millivolts
peak-to-peak.
COMMON-MODE REJECTION
The AD532 features differential X and Y inputs to enhance its
flexibility as a computational multiplier/divider. Common-mode
rejection for both inputs as a function of frequency is shown in
Figure 8. It is measured with X1 = X2 = 20 V p-p, (Y1 − Y2) = 10 V
dc and Y1 = Y2 = 20 V p-p, (X1 − X2) = 10 V dc.
DYNAMIC CHARACTERISTICS
The closed-loop frequency response of the AD532 in the multiplier
mode typically exhibits a 3 dB bandwidth of 1 MHz and rolls off
at 6 dB/octave, thereafter. Response through all inputs is essentially
the same as shown in Figure 9. In the divide mode, the closed-
loop frequency response is a function of the absolute value of
the denominator voltage as shown in Figure 10.
Stable operation is maintained with capacitive loads to 1000 pF
in all modes, except the square root for which 50 pF is a safe
upper limit. Higher capacitive loads can be driven if a 100 Ω
resistor is connected in series with the output for isolation.
POWER SUPPLY CONSIDERATIONS
Although the AD532 is tested and specified with ±15 V dc
supplies, the device may be operated at any supply voltage from
±10 V to ±18 V for the J and K versions, and ±10 V to ±22 V
for the S version. The input and output signals must be reduced
proportionately to prevent saturation; however, with supply
voltages below ±15 V, as shown in Figure 11. Because power
supply sensitivity is not dependent on external null networks as
in other conventionally nulled multipliers, the power supply
rejection ratios are improved from 3 to 40 times in the AD532.
NOISE CHARACTERISTICS
The AD532 is sampled to assure that output noise will have no
appreciable effect on accuracy. Typical spot noise vs. frequency
is shown in Figure 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com