Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 30 Page - Analog Devices

Part # LTC6906
Description  TimerBlox: Voltage Controlled Silicon Oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 30 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 22Page - Analog Devices LTC6906 Datasheet HTML 23Page - Analog Devices LTC6906 Datasheet HTML 24Page - Analog Devices LTC6906 Datasheet HTML 25Page - Analog Devices LTC6906 Datasheet HTML 26Page - Analog Devices LTC6906 Datasheet HTML 27Page - Analog Devices LTC6906 Datasheet HTML 28Page - Analog Devices LTC6906 Datasheet HTML 29Page - Analog Devices LTC6906 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
LTC6990
30
Rev. D
For more information www.analog.com
ANALOG DEVICES, INC. 2010-2020
01/20
www.analog.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1799
1MHz to 33MHz ThinSOT Silicon Oscillator
Wide Frequency Range
LTC6900
1MHz to 20MHz ThinSOT Silicon Oscillator
Low Power, Wide Frequency Range
LTC6906
10kHz to 1MHz ThinSOT Silicon Oscillator
Micropower, ISUPPLY = 12µA at 100kHz
LTC6907
40kHz to 4MHz ThinSOT Silicon Oscillator
Micropower, ISUPPLY = 35µA at 400kHz
LTC6930
Fixed Frequency Oscillator, 32.768kHz to 8.192MHz
0.09% Accuracy, 110µs Start-Up Time, 105µA at 32kHz
LTC6991
TimerBlox, Very Low Frequency Clock with Reset
Cycle Time from 2ms to 9.5 Hours, No Caps, 2.2% Accurate
LTC6992
TimerBlox, Voltage-Controlled Pulse Width Modulator
(PWM)
Simple PWM with Wide Frequency Range
LTC6993
TimerBlox, Monostable Pulse Generator
Resistor Set Pulse Width from 1µs to 34sec, No Caps, 3% Accurate
LTC6994
TimerBlox, Delay Block/Debouncer
Resistor Set Delay from 1µs to 34sec, No Caps Required, 3% Accurate
TYPICAL APPLICATION
Ultrasonic Frequency Sweep Generator
6990 TA13
LTC6990
OE
GND
SET
OUT
V+
DIV
C1
0.1µF
R1
976k
R2
102k
RSET1
49.9k
RSET2
750k
CSET
0.022µF
2.25V TO 5.5V
fOUT = 500kHz TO 31.25kHz
OE
74HC125
SWEEPS FROM 500kHz to 31.25kHz IN A
FEW MILLISECONDS (CONTROLLED BY CSET).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com