Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC6906
Description  TimerBlox: Voltage Controlled Silicon Oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 11Page - Analog Devices LTC6906 Datasheet HTML 12Page - Analog Devices LTC6906 Datasheet HTML 13Page - Analog Devices LTC6906 Datasheet HTML 14Page - Analog Devices LTC6906 Datasheet HTML 15Page - Analog Devices LTC6906 Datasheet HTML 16Page - Analog Devices LTC6906 Datasheet HTML 17Page - Analog Devices LTC6906 Datasheet HTML 18Page - Analog Devices LTC6906 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
LTC6990
15
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
Start-Up Behavior
When first powered up, the output is high impedance. If
the output is enabled (OE = 1) at the end of the start-up
time, the output will go low for one tMASTER cycle (or half
a tOUT cycle if NDIV < 4) before the first rising edge. If the
output is disabled (OE = 0) at the end of the start-up time,
the output will drop to a low output if the Hi-Z bit = 0, or
simply remain floating if Hi-Z = 1.
Basic Fixed Frequency Operation
The simplest and most accurate method to program the
LTC6990 for fixed frequency operation is to use a sin-
gle resistor, RSET, between the SET and GND pins. The
design procedure is a simple two step process. First select
the NDIV value and then calculate the value for the RSET
resistor.
Alternatively, Analog Devices offers the easy to use
TimerBlox Designer tool to quickly design any LTC6990
based circuit. Use the free TimerBlox LTC6990: Voltage
Controlled Oscillator Web-Based Design Tool.
Step 1: Selecting the NDIV Frequency Divider Value
As explained earlier, the voltage on the DIV pin sets the
DIVCODE which determines both the Hi-Z bit and the
NDIV value. For a given output frequency, NDIV should be
selected to be within the following range.
62.5kHz
fOUT
≤ NDIV ≤
1MHz
fOUT
(1a)
To minimize supply current, choose the lowest NDIV value
(generally recommended). For faster start-up or decreased
jitter, choose a higher NDIV setting. Alternatively, use
Table 1 as a guide to select the best NDIV value for the
given application. After choosing the value for NDIV, use
Table 1 to select the proper resistor divider or VDIV/V+
ratio to apply to the DIV pin.
Step 2: Calculate and Select RSET
The final step is to calculate the correct value for RSET
using the following equation.
RSET =
1MHz • 50k
NDIV • fOUT
(1b)
Select the standard resistor value closest to the calculated
value.
Example: Design a 20kHz Oscillator with Minimum
Power Consumption
Step 1: Selecting the NDIV Frequency Divider Value
First, choose an NDIV value that meets the requirements
of Equation (1a).
3.125 ≤ NDIV ≤ 50
Potential settings for NDIV include 4, 8, 16, and 32. NDIV
= 4 is the best choice, as it minimizes supply current by
using a large RSET resistor. Using Table 1, choose the R1
and R2 values to program DIVCODE to either 2 or 13,
depending on the desired behavior when the output is
disabled.
Step 2: Select RSET
Calculate the correct value for RSET using Equation (1b).
RSET =
1MHz • 50k
4 • 20kHz
= 625k
Since 625k is not available as a standard 1% resistor,
substitute 619k if a 0.97% frequency shift is acceptable.
Otherwise, select a parallel or series pair of resistors such
as 309k and 316k to attain a more precise resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com