Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 25 Page - Analog Devices

Part # LTC6906
Description  TimerBlox: Voltage Controlled Silicon Oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 25 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 21Page - Analog Devices LTC6906 Datasheet HTML 22Page - Analog Devices LTC6906 Datasheet HTML 23Page - Analog Devices LTC6906 Datasheet HTML 24Page - Analog Devices LTC6906 Datasheet HTML 25Page - Analog Devices LTC6906 Datasheet HTML 26Page - Analog Devices LTC6906 Datasheet HTML 27Page - Analog Devices LTC6906 Datasheet HTML 28Page - Analog Devices LTC6906 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
LTC6990
25
Rev. D
For more information www.analog.com
6990 TA09
LTC6990
OE
GND
SET
OUT
V+
DIV
R1
1M
2k
1M
SINE
COSINE
R2
280k
*1/2 OF AN LTC1060 FILTER CAN
BE USED IN PLACE OF THE LTC1059
0.1µF
4.12k
1M
RSET
49.9k
RVCO
267k
FREQ
ADJ
5V
5V
LTC1440
OUT
1.18VREF
HYST
LT1004-2.5V
2.5V
2.5V FOR 5Hz TO 10kHz
5V FOR 10Hz TO 20kHz
50/100
BP
S1
N
+ –
–
LP
CLOCK
LTC1059*
SA
VCC
V–
5V
AGND
10k
124k
5.11k
INV1
51.1k
1.18VREF
5V
14
8
1
4
2
3
5
11
9
Quadrature Sine Wave Oscillator. Voltage Controlled Frequency Range
from ~5Hz to ~20kHz with 1VP-P Constant Output Amplitude
TYPICAL APPLICATIONS
6990 TA10
LTC6990
OE
GND
SET
OUT
V+
DIV
1M
523k
21.5k
+
22k AT 25°C
B = 3964
THERMISTOR: VISHAY NTHS120601N2202J
5V
fOUT
5V
60.4k
Temperature to Frequency Converter.
3% Linearity from –20°C (fOUT ≈ 20kHz) to 75°C (fOUT ≈ 25kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com