Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 19 Page - Analog Devices

Part # LTC6906
Description  TimerBlox: Voltage Controlled Silicon Oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 15Page - Analog Devices LTC6906 Datasheet HTML 16Page - Analog Devices LTC6906 Datasheet HTML 17Page - Analog Devices LTC6906 Datasheet HTML 18Page - Analog Devices LTC6906 Datasheet HTML 19Page - Analog Devices LTC6906 Datasheet HTML 20Page - Analog Devices LTC6906 Datasheet HTML 21Page - Analog Devices LTC6906 Datasheet HTML 22Page - Analog Devices LTC6906 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
LTC6990
19
Rev. D
For more information www.analog.com
Figure 14. Digitally Controlled Oscillator with VSET Variation Eliminated
6990 F14
LTC6990
OE
GND
SET
OUT
V+
DIV
C1
0.1µF
R1
R2
RSET
V+
RVCO
–
+
V+
1/2
LTC6078
LTC1659
V+
VCC
REF
GND
VOUT
µP
DIN
CLK
CS/LD
fOUT =
1MHz •50k
!
NDIV •RVCO
• 1
+
RVCO
RSET
"
DIN
4096
#
$%
&
'(
DIN = 0 to 4095
Additionally, by choosing the VCO’s specifications
shrewdly, the frequency error (in percent) due to VSET
variation is reduced to ∆VSET/VSET = ±3%. To realize this
improvement, the design must abide by three condi-
tions. First, the VIN voltage must be positive throughout
the range. Second, choose VMAX/VMIN ≥ fMAX/fMIN. Last,
choose RVCO/RSET ≥ R4/R3.
Figure 13 shows a design similar to the previous design
example where the VMIN voltage is now specified to be
0.4V. This satisfies the VMAX/VMIN ≥ fMAX/fMIN condition
and the design assures that the output frequency error
due to VSET variation is only ±3%.
Eliminating VSET Error Effects with DAC Frequency
Control
Many DACs allow for the use of an external reference.
If such a DAC is used to provide the VCTRL voltage, the
VSET error is eliminated by buffering VSET and using it as
the DAC’s reference voltage, as shown in Figure 14. The
DAC’s output voltage now tracks any VSET variation and
eliminates it as an error source. The SET pin cannot be
tied directly to the reference input of the DAC because
the current drawn by the DAC’s REF input would affect
the frequency.
APPLICATIONS INFORMATION
ISET Extremes (Master Oscillator Frequency Extremes)
Pushing ISET outside of the recommended 1.25µA to 20µA
range forces the master oscillator to operate outside of
the 62.5kHz to 1MHz range in which it is most accurate.
The oscillator will still function with reduced accuracy
in its extended range (see the Electrical Characteristics
section).
The LTC6990 is designed to function normally for ISET
as low as 1.25µA. At approximately 500nA, the oscillator
output will be frozen in its current state. For NDIV = 1 or 2,
OUT will halt in a low state. But for larger divider ratios,
it could halt in a high or low state. This avoids introduc-
ing short pulses while modulating a very low frequency
output. Note that the output will not be
disabled as when
OE is low (e.g. the output will not enter a high impedance
state if Hi-Z = 1).
At the other extreme, the master oscillator frequency can
reach 2MHz for ISET = 40μA (RSET = 25k). It is not recom-
mended to operate the master oscillator beyond 2MHz
because the accuracy of the DIV pin ADC will suffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com