Electronic Components Datasheet Search
  English  ▼

X  

TDA8501 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8501
Description  PAL/NTSC encoder
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8501 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8501 Datasheet HTML 1Page - NXP Semiconductors TDA8501 Datasheet HTML 2Page - NXP Semiconductors TDA8501 Datasheet HTML 3Page - NXP Semiconductors TDA8501 Datasheet HTML 4Page - NXP Semiconductors TDA8501 Datasheet HTML 5Page - NXP Semiconductors TDA8501 Datasheet HTML 6Page - NXP Semiconductors TDA8501 Datasheet HTML 7Page - NXP Semiconductors TDA8501 Datasheet HTML 8Page - NXP Semiconductors TDA8501 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
April 1993
5
Philips Semiconductors
Preliminary specification
PAL/NTSC encoder
TDA8501
Notes
1. Pin 4: in PAL mode, if not connected to external H2 pulse, this pin is the output for the internally generated H/2 signal.
Pin 4: in NTSC mode, for internal set-up this pin is connected to ground; when internal set-up is switched off, this pin
is connected to VCC.
2. The listed voltages connected to pin 17 (if VCC = + 5 V) enable the following Y (via pin 5) input signal states:
0 V = PAL mode; at pin 5, Y without sync and input blanking on
5 V = NTSC mode; at pin 5, Y without sync and input blanking on
1.8 V = PAL mode; at pin 5, Y with sync and input blanking off
3.2 V = NTSC mode; at pin 5, Y with sync and input blanking off
PAL/NTSC and
Y/Y
+ SYNC
17
four level control pin (note 2)
NOTCH
18
Y +SYNC output via an internal resistor of 2 k
Ω; a notch filter can be connected to this pin
Y +SYNC OUT
19
2 V (p-p) nominal Y +SYNC output
Y +SYNC IN
20
Y +SYNC input; (from pin 22) connected to the output of the external delay line
BURST ADJ
21
burst current adjustment via external resistor
Y +SYNC OUT
22
Y +SYNC output 1 V (p-p) nominal, connected to the input of the external delay line
OSC
23
oscillator tuning: connected to either a crystal in series with capacitor to ground, or to an
external frequency source via a resistor in series with a capacitor
CS
24
composite sync input, 0.3 V (p-p) nominal
SYMBOL
PIN
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com