Electronic Components Datasheet Search
  English  ▼

X  

TDA8501 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA8501
Description  PAL/NTSC encoder
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8501 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA8501 Datasheet HTML 13Page - NXP Semiconductors TDA8501 Datasheet HTML 14Page - NXP Semiconductors TDA8501 Datasheet HTML 15Page - NXP Semiconductors TDA8501 Datasheet HTML 16Page - NXP Semiconductors TDA8501 Datasheet HTML 17Page - NXP Semiconductors TDA8501 Datasheet HTML 18Page - NXP Semiconductors TDA8501 Datasheet HTML 19Page - NXP Semiconductors TDA8501 Datasheet HTML 20Page - NXP Semiconductors TDA8501 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
April 1993
17
Philips Semiconductors
Preliminary specification
PAL/NTSC encoder
TDA8501
NOTCH (pin 18)
RO
output resistance
1750
2000
2500
Ω
VCC
DC voltage level
−
2.5
−
V
Isink
maximum sink current
350
−−
µA
Chrominance output (pin 14)
Isink
maximum sink current
700
−−
µA
Isource
maximum source current
1000
−−
µA
RO
output resistance
−
120
−Ω
∆VDC
variation of DC voltage level
when chrominance signal is
blanked and chrominance signal is
not blanked
−−
5mV
PAL mode; pin 17 = 0 V
VO
chrominance output voltage
(peak-to-peak) amplitude burst
480
600
720
mV
ratio: chrominance
(75% RED)/burst
2.1
2.2
2.3
NTSC mode; pin 17 = 5 V
VO
chrominance output voltage
(peak-to-peak) amplitude burst
460
570
680
mV
ratio: chrominance
(75% RED)/burst
2.1
2.2
2.3
carrier suppression when
input-signals are 0 V
0 dB = 1330 mV
(peak-to-peak)
−
37
−
dB
phase accuracy (difference
between 0 and 90 degree carriers)
−−
2
degrees
LPF
Low-pass filters
see Figs 3 and 4
BPF
Band-pass filters
see Figs 5 and 6
Vn
noise level (RMS value)
−−
4mV
BP
burst phase; 0 degrees = phase U carrier
PAL mode
−±135
−
degrees
NTSC mode
−
180
−
degrees
α
Y
+ SYNC cross talk
(0 to 6 MHz)
0 dB = 1400 mV
(peak-to-peak)
−−−60
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com