Electronic Components Datasheet Search
  English  ▼

X  

TDA8501 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA8501
Description  PAL/NTSC encoder
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8501 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA8501 Datasheet HTML 15Page - NXP Semiconductors TDA8501 Datasheet HTML 16Page - NXP Semiconductors TDA8501 Datasheet HTML 17Page - NXP Semiconductors TDA8501 Datasheet HTML 18Page - NXP Semiconductors TDA8501 Datasheet HTML 19Page - NXP Semiconductors TDA8501 Datasheet HTML 20Page - NXP Semiconductors TDA8501 Datasheet HTML 21Page - NXP Semiconductors TDA8501 Datasheet HTML 22Page - NXP Semiconductors TDA8501 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
April 1993
19
Philips Semiconductors
Preliminary specification
PAL/NTSC encoder
TDA8501
Notes
1. The threshold level of this pin is 700 mV
±20 mV. The specification of the HIGH and LOW levels is according to the
SCART fast blanking.
2. Pin 20 condition: black level of input signal must be 2.5 V; amplitude 0.5 V (peak-to-peak) nominal.
3. Definition:
maximum phase
− minimum phase = difference phase
4. Definition:
5. The output impedance of this pin is low (
< 100 Ω). The nominal value of the external resistor is 196 kΩ (see also
section Sync separator and Pulse shaper).
6. The threshold levels are: 0.25 times VCC, 0.5 times VCC and 0.75 times VCC.
Control pin PAL/NTSC and Y/Y
+ SYNC (pin 17; note 6)
VI
PAL mode and blanking pin 5
active
internal sync added to Y
0
−
1V
VI
PAL mode and blanking pin 5
inactive
internal sync not added to Y
1.6
−
2.0
V
VI
NTSC mode and blanking pin 5
active
internal sync added to Y
4
−
5V
VI
NTSC mode and blanking pin 5
inactive
internal sync not added to Y
3
−
3.4
V
Ibias
input bias current
−−−10
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
maximum gain
minimum gain
–
maximum gain
----------------------------------------------------------------------------------
100
×
difference gain %
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com