Electronic Components Datasheet Search
  English  ▼

X  

TDA8501 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TDA8501
Description  PAL/NTSC encoder
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8501 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TDA8501 Datasheet HTML 16Page - NXP Semiconductors TDA8501 Datasheet HTML 17Page - NXP Semiconductors TDA8501 Datasheet HTML 18Page - NXP Semiconductors TDA8501 Datasheet HTML 19Page - NXP Semiconductors TDA8501 Datasheet HTML 20Page - NXP Semiconductors TDA8501 Datasheet HTML 21Page - NXP Semiconductors TDA8501 Datasheet HTML 22Page - NXP Semiconductors TDA8501 Datasheet HTML 23Page - NXP Semiconductors TDA8501 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
April 1993
20
Philips Semiconductors
Preliminary specification
PAL/NTSC encoder
TDA8501
Table 2
Internal circuitry.
PIN
NAME
CIRCUIT
DESCRIPTION
1
−(R−Y)
−(R−Y) input; connected via
47 nF capacitor
1.05 V (p-p) for EBU bar of 75%
see also pins 3, 5, 7, 9 and 11
2
MCONTROL
multiplexer switch control input
< 0.4 V Y, U and V
>1 V R, G and B
3
−(B−Y)
see pin 1
−(B−Y) input; connected via
47 nF capacitor
1.33 (p-p) for EBU bar of 75%
4
H/2
IN/OUT
H/2 input
PAL MODE:
pin open, output of internal H/2
Forcing possibility
NTSC mode:
0 V set-up
5 V no set-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com