Electronic Components Datasheet Search
  English  ▼

X  

TDA8501 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8501
Description  PAL/NTSC encoder
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8501 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8501 Datasheet HTML 1Page - NXP Semiconductors TDA8501 Datasheet HTML 2Page - NXP Semiconductors TDA8501 Datasheet HTML 3Page - NXP Semiconductors TDA8501 Datasheet HTML 4Page - NXP Semiconductors TDA8501 Datasheet HTML 5Page - NXP Semiconductors TDA8501 Datasheet HTML 6Page - NXP Semiconductors TDA8501 Datasheet HTML 7Page - NXP Semiconductors TDA8501 Datasheet HTML 8Page - NXP Semiconductors TDA8501 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
April 1993
4
Philips Semiconductors
Preliminary specification
PAL/NTSC encoder
TDA8501
Fig.2 Pin configuration.
PINNING
U and V respectively, are the terms used to describe the colour difference signals at the output of the matrix.
SYMBOL
PIN
DESCRIPTION
−(R−Y)
1
colour difference input signal, for EBU bar (75%) 1.05 V (p-p)
MCONTROL
2
multiplexer switch control input; HIGH = RGB, LOW =
−(R−Y), −(B−Y), Y
−(B−Y)
3
colour difference input signal, for EBU bar (75%) 1.33 V (p-p)
H/2
4
line pulse input/output divided-by-2 for synchronizing the internal H/2, if not used, this pin
dependent on mode selected, is either left open-circuit, or connected to VCC or to ground
(note 1)
Y
5
luminance input signal 1 V nominal without sync
U OFFSET
6
U modulator offset control capacitor
R
7
RED input signal for EBU bar of 75% 0.7 V (p-p)
VCC
8
supply voltage; 5 V nominal
G
9
GREEN input signal for EBU bar of 75% 0.7 V (p-p)
VSS
10
ground (0 V)
B
11
BLUE input signal for EBU bar of 75% 0.7 V (p-p)
V OFFSET
12
V modulator offset control capacitor
VREF
13
2.5 V internal reference voltage output
CHROMA
14
chrominance output
FLT
15
filter tuning loop capacitor
CVBS
16
composite PAL or NTSC output, 2 V (p-p) nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com