Electronic Components Datasheet Search
  English  ▼

X  

P89V660 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P89V660
Description  8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V660 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P89V660 Datasheet HTML 17Page - NXP Semiconductors P89V660 Datasheet HTML 18Page - NXP Semiconductors P89V660 Datasheet HTML 19Page - NXP Semiconductors P89V660 Datasheet HTML 20Page - NXP Semiconductors P89V660 Datasheet HTML 21Page - NXP Semiconductors P89V660 Datasheet HTML 22Page - NXP Semiconductors P89V660 Datasheet HTML 23Page - NXP Semiconductors P89V660 Datasheet HTML 24Page - NXP Semiconductors P89V660 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
P89V660_662_664_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 2 May 2007
21 of 89
NXP Semiconductors
P89V660/662/664
80C51 with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
03
Miscellaneous Write Functions
:nnxxxx03ffssddcc
Where:
nn = number of bytes in the record
xxxx = required field but value is a ‘don’t care’
ff = subfunction code
ss = selection code
dd = data (if needed)
cc = checksum
Subfunction code = 01 (Erase Blocks)
ff=01
ss = block code, as shown below
block 0, 0k to 8k, 00H
block 1, 8k to 16k, 20H
block 0, 16k to 32k, 40H
block 0, 32k to 48k, 80H
block 0, 48k to 64k, C0H
Subfunction code = 04 (Erase Boot vector and Status Bit)
ff=04
ss = don’t care
Subfunction code = 05 (Program security bits)
ff=05
ss = 00 program security bit 1
ss = 01 program security bit 2
ss = 02 program security bit 3
Subfunction code = 06 (Program Status bit, Boot vector, 6x/12x bit)
ff=06
dd = data (for Boot vector)
ss = 00 program Status bit
ss = 01 program Boot vector
ss = 02 program 6x/12x bit
Subfunction code = 07 (Chip Erase)
Erases code memory and security bits, programs default Boot vector and
Status bit
ff=07
Subfunction code = 08 (Erase page, 128 B)
ff=08
ss = high byte of page address (A[15:8])
dd = low byte of page address (A[7:0])
Example:
:0300000308E000F2 (erase page at E000H)
Table 11.
ISP hex record formats …continued
Record type
Command/data function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com