Electronic Components Datasheet Search
  English  ▼

X  

P89V660 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P89V660
Description  8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V660 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P89V660 Datasheet HTML 4Page - NXP Semiconductors P89V660 Datasheet HTML 5Page - NXP Semiconductors P89V660 Datasheet HTML 6Page - NXP Semiconductors P89V660 Datasheet HTML 7Page - NXP Semiconductors P89V660 Datasheet HTML 8Page - NXP Semiconductors P89V660 Datasheet HTML 9Page - NXP Semiconductors P89V660 Datasheet HTML 10Page - NXP Semiconductors P89V660 Datasheet HTML 11Page - NXP Semiconductors P89V660 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 89 page
background image
P89V660_662_664_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 2 May 2007
8 of 89
NXP Semiconductors
P89V660/662/664
80C51 with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
P3[2]/INT0
8
14
I
P3[2] — Port 3 bit 2.
I
INT0 — External interrupt 0 input.
P3[3]/INT1
9
15
I
P3[3] — Port 3 bit 3.
I
INT1 — External interrupt 1 input
P3[4]/T0/CEX3
10
16
I/O
P3[4] — Port 3 bit 4.
I
T0 — External count input to Timer/Counter 0.
I/O
CEX3 — Capture/compare external I/O for PCA Module 3.
P3[5]/T1/CEX4
11
17
I/O
P3[5] — Port 3 bit 5.
I
T1 — External count input to Timer/Counter 1
I/O
CEX4 — Capture/compare external I/O for PCA Module 4
P3[6]/WR
12
18
O
P3[6] — Port 3 bit 6.
O
WR — External data memory write strobe
P3[7]/RD
13
19
O
P3[7] — Port 3 bit 7.
O
RD — External data memory read strobe.
P4[0] to P4[3]
I/O with
internal
pull-up
Port 4: Port 4 is a 4-bit bidirectional I/O port with internal
pull-ups. Port 4 pins are pulled HIGH by the internal pull-ups
when ‘1’s are written to them and can be used as inputs in this
state. As inputs, Port 4 pins that are externally pulled LOW will
source current (IIL) because of the internal pull-ups.
P4[0]/SCL_1/
SCK
17
23
I/O
P4[0] — Port 4 bit 0.
I/O
SCL_1 — Second I2C-bus serial clock input/output
I/O
SCK — Serial clock input/output for SPI
P4[1]/SDA_1/
MISO
28
34
I/O
P4[1] — Port 4 bit 1.
I/O
SDA_1 — Second I2C-bus serial data input/output
I/O
MISO — Master input/slave output for SPI
P4[2]/MOSI
39
1
I/O
P4[2] — Port 4 bit 2.
I/O
MOSI — Master output/slave input for SPI
P4[3]/SS
6
12
I
P4[3] — Port 4 bit 3.
I
SS — Slave select input for SPI
PSEN
26
32
I/O
Program Store Enable: PSEN is the read strobe for external
program memory. When the device is executing from internal
program memory, PSEN is inactive (HIGH). When the device is
executing code from external program memory, PSEN is
activated twice each machine cycle, except that two PSEN
activations are skipped during each access to external data
memory.
RST
4
10
I
Reset: While the oscillator is running, a HIGH logic state on
this pin for two machine cycles will reset the device.
EA
29
35
I
External Access Enable: EA must be connected to VSS in
order to enable the device to fetch code from the external
program memory. EA must be strapped to VDD for internal
program execution.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description
TQFP44
PLCC44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com