Electronic Components Datasheet Search
  English  ▼

X  

P89V660 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P89V660
Description  8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V660 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P89V660 Datasheet HTML 9Page - NXP Semiconductors P89V660 Datasheet HTML 10Page - NXP Semiconductors P89V660 Datasheet HTML 11Page - NXP Semiconductors P89V660 Datasheet HTML 12Page - NXP Semiconductors P89V660 Datasheet HTML 13Page - NXP Semiconductors P89V660 Datasheet HTML 14Page - NXP Semiconductors P89V660 Datasheet HTML 15Page - NXP Semiconductors P89V660 Datasheet HTML 16Page - NXP Semiconductors P89V660 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 89 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
[1]
Unimplemented bits in SFRs (labeled ’-’) are ‘X’s (unknown) at all times. Unless otherwise specified, ‘1’s should not be written to these bits since they may be used for other
purposes in future derivatives. The reset values shown for these bits are ‘0’s although they are unknown when read.
SADEN
Serial Port Address Enable
B9H
Bit address
87[1]
86[1]
85[1]
84[1]
83[1]
82[1]
81[1]
80[1]
SPCR
SPI Control Register
D5H
SPIE
SPEN
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
SPSR
SPI Configuration Register
AAH
SPIF
WCOL
-
-
----
SPDAT
SPI Data
86H
SP
Stack Pointer
81H
S1DAT
I2C-bus data register
DAH
S1ADR
I2C-bus slave address register
DBH
S1ADR.6
S1ADR.5
S1ADR.4
S1ADR.3
S1ADR.2
S1ADR.1
S1ADR.0
S1GC
S1STA
I2C-bus status register
D9H
SC4
SC3
SC2
SC1
SC0
0
0
0
S1CON*
I2C-bus control register
D8H
CR2
ENS1
STA
STO
SI
AA
CR1
CR0
S2DAT
I2C-bus data register
E2H
S2ADR
I2C-bus slave address register
E3H
S2ADR.6
S2ADR.5
S2ADR.4
S2ADR.3
S2ADR.2
S2ADR.1
S2ADR.0
S2GC
S2STA
I2C-bus status register
E1H
SC24
SC23
SC22
SC21
SC20
0
0
0
S2CON*
I2C-bus control register
F8H
CR22
ENS21
STA2
STO2
SI2
AA2
CR21
CR20
Bit address
8F
8E
8D
8C
8B
8A
89
88
TCON*
Timer Control Register
88H
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
Bit address
CF
CE
CD
CC
CB
CA
C9
C8
T2CON*
Timer2 Control Register
C8H
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
T2MOD
Timer2 mode Control
C9H
-
-
ENT2
-
-
-
T2OE
DCEN
TH0
Timer 0 HIGH
8CH
TH1
Timer 1 HIGH
8DH
TH2
Timer 2 HIGH
CDH
TL0
Timer 0 LOW
8AH
TL1
Timer 1 LOW
8BH
TL2
Timer 2 LOW
CCH
TMOD
Timer 0 and 1 mode
89H
GATE
C/T
M1
M0
GATE
C/T
M1
M0
WDTRST
WatchDog Timer Reset
A6H
Table 4.
Special function registers …continued
* indicates Special Function Registers (SFRs) that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com