Electronic Components Datasheet Search
  English  ▼

X  

P89V660 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # P89V660
Description  8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V660 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button P89V660 Datasheet HTML 32Page - NXP Semiconductors P89V660 Datasheet HTML 33Page - NXP Semiconductors P89V660 Datasheet HTML 34Page - NXP Semiconductors P89V660 Datasheet HTML 35Page - NXP Semiconductors P89V660 Datasheet HTML 36Page - NXP Semiconductors P89V660 Datasheet HTML 37Page - NXP Semiconductors P89V660 Datasheet HTML 38Page - NXP Semiconductors P89V660 Datasheet HTML 39Page - NXP Semiconductors P89V660 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 89 page
background image
P89V660_662_664_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 2 May 2007
36 of 89
NXP Semiconductors
P89V660/662/664
80C51 with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
88H
Previously
addressed with
own SLA address;
Data has been
received; NOT
ACK has been
returned.
Read data byte or 0000
Switched to not addressed SLA
mode; no recognition of own SLA or
general address.
read data byte
or
0001
Switched to not addressed SLA
mode; Own SLA will be recognized;
general call address will be
recognized if S1ADR.0 = 1.
read data byte
or
1000
Switched to not addressed SLA
mode; no recognition of own SLA or
General call address. A START
condition will be transmitted when
the bus becomes free.
read data byte
1001
Switched to not addressed SLA
mode; Own slave address will be
recognized; General call address
will be recognized if S1ADR.0 = 1. A
START condition will be transmitted
when the bus becomes free.
90H
Previously
addressed with
General call; Data
has been
received; ACK
has been
returned.
Read data byte or x
0
0
0
Data byte will be received and NOT
ACK will be returned.
read data byte
x
0
0
1
Data byte will be received and ACK
will be returned.
98H
Previously
addressed with
General call; Data
has been
received; NOT
ACK has been
returned.
Read data byte
0000
Switched to not addressed SLA
mode; no recognition of own SLA or
General call address.
read data byte
0001
Switched to not addressed SLA
mode; Own slave address will be
recognized; General call address
will be recognized if S1ADR.0 = 1.
read data byte
1000
Switched to not addressed SLA
mode; no recognition of own SLA or
General call address. A START
condition will be transmitted when
the bus becomes free.
read data byte
1001
Switched to not addressed SLA
mode; Own slave address will be
recognized; General call address
will be recognized if S1ADR.0 = 1. A
START condition will be transmitted
when the bus becomes free.
Table 24.
Slave Receiver mode …continued
Status code
(S1STA)
Status of the
I2C-bus
hardware
Application software response
Next action taken by I2C-bus
hardware
to/from S1DAT
to S1CON
STA
STO
SI
AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com