Electronic Components Datasheet Search
  English  ▼

X  

P89V660 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # P89V660
Description  8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V660 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button P89V660 Datasheet HTML 35Page - NXP Semiconductors P89V660 Datasheet HTML 36Page - NXP Semiconductors P89V660 Datasheet HTML 37Page - NXP Semiconductors P89V660 Datasheet HTML 38Page - NXP Semiconductors P89V660 Datasheet HTML 39Page - NXP Semiconductors P89V660 Datasheet HTML 40Page - NXP Semiconductors P89V660 Datasheet HTML 41Page - NXP Semiconductors P89V660 Datasheet HTML 42Page - NXP Semiconductors P89V660 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
P89V660_662_664_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 2 May 2007
39 of 89
NXP Semiconductors
P89V660/662/664
80C51 with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
In the ‘Counter’ function, the register is incremented in response to a 1-to-0 transition at its
corresponding external input pin, T0 or T1. In this function, the external input is sampled
once every machine cycle.
When the samples show a high in one cycle and a low in the next cycle, the count is
incremented. The new count value appears in the register in the machine cycle following
the one in which the transition was detected. Since it takes two machine cycles (12
oscillator periods) for 1-to-0 transition to be recognized, the maximum count rate is 1
⁄
12 of
the oscillator frequency. There are no restrictions on the duty cycle of the external input
signal, but to ensure that a given level is sampled at least once before it changes, it should
be held for at least one full machine cycle. In addition to the ‘Timer’ or ‘Counter’ selection,
Timer 0 and Timer 1 have four operating modes from which to select.
The ‘Timer’ or ‘Counter’ function is selected by control bits C/T in the Special Function
Register TMOD. These two Timer/Counters have four operating modes, which are
selected by bit-pairs (M1, M0) in TMOD. Modes 0, 1, and 2 are the same for both
Timers/Counters. Mode 3 is different. The four operating modes are described in the
following text.
Table 26.
TMOD - Timer/Counter mode control register (address 89H) bit allocation
Not bit addressable; Reset value: 0000 0000B; Reset source(s): any source
Bit
7
6
5
4
3
2
1
0
Symbol
T1GATE
T1C/T
T1M1
T1M0
T0GATE
T0C/T
T0M1
T0M0
Table 27.
TMOD - Timer/Counter mode control register (address 89H) bit description
Bit
Symbol
Description
7
T1GATE
Gating control for Timer 1. When set, Timer/Counter is enabled only
while the INT1 pin is high and the TR1 control pin is set. When
cleared, Timer 1 is enabled when the TR1 control bit is set.
6
T1C/T
Timer or Counter select for Timer 1. Cleared for Timer operation (input
from CCLK). Set for Counter operation (input from T1 input pin).
5
T1M1
Mode select for Timer 1.
4
T1M0
3
T0GATE
Gating control for Timer 0. When set, Timer/Counter is enabled only
while the INT0 pin is high and the TR0 control pin is set. When
cleared, Timer 0 is enabled when the TR0 control bit is set.
2
T0C/T
Timer or Counter select for Timer 0. Cleared for Timer operation (input
from CCLK). Set for Counter operation (input from T0 input pin).
1
T0M1
Mode Select for Timer 0.
0
T0M0
Table 28.
TMOD - Timer/Counter mode control register (address 89H) M1/M0 operating
mode
M1
M0
Operating mode
0
0
0
8048 timer ‘TLx’ serves as 5-bit prescaler.
0
1
1
16-bit Timer/Counter ‘THx’ and ‘TLx' are cascaded;
there is no prescaler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com