Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 156 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 156 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 152Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 153Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 154Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 155Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 156Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 157Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 158Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 159Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 160Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 288 page
background image
Analog-to-Digital Converter (ADC)
Data Sheet
MC68HC908BD48 — Rev. 2.1
156
Analog-to-Digital Converter (ADC)
Freescale Semiconductor
or DDR will not have any affect on the port pin that is selected by the
ADC. Read of a port pin which is in use by the ADC will return an
unknown state if the corresponding DDR bit is at logic 0. If the DDR bit
is at logic 1, the value in the port data latch is read.
12.4.2 Voltage Conversion
When the input voltage to the ADC equals
VDD, the ADC converts the
signal to $FF (full scale). If the input voltage equals VSS, the ADC
converts it to $00. Input voltage between
VDD and VSS are a
straight-line linear conversion. All other input voltages will result in $FF
if greater than
VDD and $00 if less than VSS.
NOTE:
Input voltage should not exceed the analog supply voltages.
12.4.3 Conversion Time
Twelve ADC internal clocks are required to perform one conversion. The
ADC starts a conversion on the first rising edge of the ADC internal clock
immediately following a write to the ADSCR. If the ADC internal clock is
selected to run at 1MHz, then one conversion will take 12
µs to complete.
With a 1MHz ADC internal clock the maximum sample rate is 83.3kHz.
12.4.4 Continuous Conversion
In the continuous conversion mode, the ADC continuously converts the
selected channel filling the ADC data register with new data after each
conversion. Data from the previous conversion will be overwritten
whether that data has been read or not. Conversions will continue until
the ADCO bit is cleared. The COCO bit (ADC status control register,
$005D) is set after each conversion and can be cleared by writing the
ADC status and control register or reading of the ADC data register.
2
3
-------
2
3
-------
2
3
-------
12 ADC Clock Cycles
Conversion Time =
ADC Clock Frequency
Number of Bus Cycles = Conversion Time
× Bus Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com