| Electronic Components Datasheet Search |
|
M68HC08 Datasheet(PDF) 154 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC08 Datasheet(HTML) 154 Page - Freescale Semiconductor, Inc |
|
154 / 288 page ![]() Analog-to-Digital Converter (ADC) Data Sheet MC68HC908BD48 — Rev. 2.1 154 Analog-to-Digital Converter (ADC) Freescale Semiconductor 12.3 Features Features of the ADC module include: • 6 Channels ADC with Multiplexed Input • Linear Successive Approximation • 8-Bit Resolution • Single or Continuous Conversion • Conversion Complete Flag or Conversion Complete Interrupt • Selectable ADC Clock 12.4 Functional Description Six ADC channels are available for sampling external sources at pins PTC5–PTC0. An analog multiplexer allows the single ADC converter to select one of the 6 ADC channels as ADC voltage input (ADCVIN). ADCVIN is converted by the successive approximation register-based counters. The ADC resolution is 8 bits. When the conversion is completed, ADC puts the result in the ADC data register and sets a flag or generates an interrupt. Figure 12-1 shows a block diagram of the ADC. Table 12-1. ADC Register Summary Addr. Register Name Bit 7 654321 Bit 0 $005D ADC Status and Control Register (ADSCR) Read: COCO AIEN ADCO ADCH4 ADCH3 ADCH2 ADCH1 ADCH0 Write: Reset: 00011111 $005E ADC Data Register (ADR) Read: AD7 AD6 AD5 AD4 AD3 AD2 AD1 AD0 Write: Reset: Indeterminate after Reset $005F ADC Input Clock Register (ADICLK) Read: ADIV2 ADIV1 ADIV0 00000 Write: Reset: 00000000 = Unimplemented |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |