Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 150 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 150 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 146Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 147Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 148Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 149Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 150Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 151Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 152Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 153Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 154Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 288 page
background image
Pulse Width Modulator (PWM)
Data Sheet
MC68HC908BD48 — Rev. 2.1
150
Pulse Width Modulator (PWM)
Freescale Semiconductor
11.4.1 PWM Data Registers 0 to 15 (0PWM–15PWM)
The output waveform of the 16 PWM channels are each configured by
an 8-bit register, which contains a 5-bit PWM in MSB portion and a 3-bit
binary rate multiplier (BRM) in LSB portion
xPWM4–xPWM0 — PWM Bits
The value programmed in the 5-bit PWM portion will determine the pulse
length of the output. The clock to the 5-bit PWM portion is the system
clock (CPU clock), the repetition rate of the output is hence fOP ÷ 32.
Examples of PWM output waveforms are shown in Figure 11-3.
xBRM2–xBRM0 — Binary Rate Multiplier Bits
The 3-bit BRM will generate a number of narrow pulses which are
equally distributed among an 8-PWM-cycle frame. The number of pulses
generated is equal to the number programmed in the 3-bit BRM portion.
Examples of PWM output waveforms are shown in Figure 11-3.
Address:
$0020–$0027 and $0051–$0058
Bit 7
654321
Bit 0
Read:
xPWM4
xPWM3
xPWM2
xPWM1
xPWM0
xBRM2
xBRM1
xBRM0
Write:
Reset:
00000000
Figure 11-1. PWM Data Registers 0 to 15 (0PWM–15PWM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com